전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBZ31045L-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBZ31045L-HF
상세설명  Low VF SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ31045L-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBZ31045L-HF Datasheet HTML 1Page - Comchip Technology CDBZ31045L-HF Datasheet HTML 2Page - Comchip Technology CDBZ31045L-HF Datasheet HTML 3Page - Comchip Technology CDBZ31045L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JL030
RATING AND CHARACTERISTIC CURVES (CDBZ31045 -HF)
L
Percent of Rated Peak Reverse Voltage, (%)
60
40
0
Fig.4 - Typical Reverse Characteristics
0.001
0.01
10
100
Instantaneous Forward Voltage, (V)
0
0.01
0.1
1
10
50
0.2
Case Temperature, (°C)
0
8
14
Comchip Technology CO., LTD.
Page 2
REV:A
0.1
0.3
0.4
0
25
175
4
10
100
6
20
80
12
Number of Cycles at 60Hz
Fig.3 - Maximum Non-repetitive Peak
Forward Surge Current
0
100
1
10
100
TJ=25°C
8.3ms single half sine
wave, JEDEC method
50
75
100
125
150
2
Fig.1 - Typical Forward Current
Derating Curve
300
0.5
0.1
1
200
Low VF SMD Schottky Barrier Rectifiers
TJ=25°C
TJ=150°C
TJ=100°C
TJ=125°C
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
Fig.2 - Typical Instantaneous
Forward Characteristics
Company reserves the right to improve product design , functions and reliability without notice.


유사한 부품 번호 - CDBZ31045L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBZ31045L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-HF COMCHIP-CDBM220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-HF COMCHIP-CDBMT220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com