전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF4002 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 UF4002
상세설명  1.0 Ampere Glass Passivated High Efficiency Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UF4002 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  UF4002 Datasheet HTML 1Page - Fairchild Semiconductor UF4002 Datasheet HTML 2Page - Fairchild Semiconductor UF4002 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF4001-UF4007, Rev. A
Typical Characteristics
Pulse
Generator
(Note 2)
50
NONINDUCTIVE
50
NONINDUCTIVE
DUT
(-)
(+)
OSCILLOSCOPE
(Note 1)
50
NONINDUCTIVE
50V
(approx)
NOTES:
1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf.
2. Rise time = 10 ns max; Source impedance = 50 ohms.
Reverse Recovery Time Characterstic and Test Circuit Diagram
Forward Characteristics
0
255075
100
125
150
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
AMBIENT TEMPERATURE ( C)
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.00mm) LOAD
LENGTHS
º
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
NUMBER OF CYCLES AT 60Hz
Typical Junction Capacitance
0.1
0.5
1
2
5
10 20
50 100
500
0
10
20
30
40
50
60
REVERSE VOLTAGE (V)
UF4004-UF4007
UF4001-UF4003
Forward Characteristics
0.2
0.4
0.6
0.8
1
1.2
1.4
0.001
0.01
0.1
1
10
FORWARD VOLTAGE (V)
T = 25 C
º
J
Pulse Width = 300
µS
2% Duty Cycle
T = 25 C
º
A
UF4001-UF4003
UF4005-UF4007
UF4004
1.0cm
SET TIME BASE FOR
trr
+0.5A
0
-0.25A
-1.0A
5/ 10 ns/ cm
Reverse Characteristics
0
20406080
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
J
T = 25 C
º
A
T = 125 C
º
A


유사한 부품 번호 - UF4002

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4002 DGNJDZ-UF4002 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
UF4002 EIC-UF4002 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
logo
DONGGUAN YOU FENG WEI E...
UF4002 YFWDIODE-UF4002 Datasheet
426Kb / 3P
   High Efficiency Silicon Rectifiers
More results

유사한 설명 - UF4002

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A- FAIRCHILD-EGP10A- Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGF1A FAIRCHILD-EGF1A Datasheet
90Kb / 4P
   1.0 Ampere High Efficiency Glass Passivated Rectifier
1N4001GP FAIRCHILD-1N4001GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
EGP30A FAIRCHILD-EGP30A Datasheet
149Kb / 4P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP30A FAIRCHILD-EGP30A_V01 Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Jinan Gude Electronic D...
HER101G JGD-HER101G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER101G UNIOHM-HER101G Datasheet
69Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER101G GWSEMI-HER101G Datasheet
70Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com