전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLFGE1002A 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TLFGE1002A
상세설명  Panel Circuit Indicators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLFGE1002A 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TLFGE1002A Datasheet HTML 4Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 5Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 6Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 7Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 8Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 9Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 10Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 11Page - Toshiba Semiconductor TLFGE1002A Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
2008-05-22
8
TLPYE1002A
100
1
50
50
30
10
3
5
3
5
10
30
100
300
Ta
= 25°C
IF = 20 mA
Ta
= 25°C
0
600
0.4
1.0
0.8
540
640
620
580
560
660
0.6
0.2
0.1
10
3
80
60
100
1
0.3
20
5
0.5
−20
0
40
Ta
= 25°C
1
100
30
1.7
2.2
2.1
1.8
2.3
10
3
1.9
50
5
2.0
Forward voltage VF (V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
(typ.)
(typ.)
(typ.)
(typ.)


유사한 부품 번호 - TLFGE1002A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLFGE1002A TOSHIBA-TLFGE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLFGE1002A TOSHIBA-TLFGE1002A Datasheet
314Kb / 18P
   Panel Circuit Indicator
More results

유사한 설명 - TLFGE1002A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com