전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLPGU1002A 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TLPGU1002A
상세설명  Panel Circuit Indicator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGU1002A 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TLPGU1002A Datasheet HTML 6Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 7Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 8Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 9Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 10Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 11Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 12Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 13Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2008-05-22
10
TLPGU1002A
IF = 20 mA
Ta
= 25°C
0
0.4
1.0
0.8
520
0.6
0.2
600
580
560
540
0.1
10
3
80
60
100
1
0.3
20
5
0.5
−20
0
40
Ta
= 25°C
1
100
30
1.7
2.2
2.1
1.8
2.3
10
3
1.9
50
5
2.0
Forward voltage VF (V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
1
50
3
5
10
30
100
Ta
= 25°C
0.1
3
1
0.3
5
0.5
10
(typ.)
(typ.)
(typ.)
(typ.)


유사한 부품 번호 - TLPGU1002A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
582Kb / 19P
   LED LAMP PANEL CIRCUIT INDICATOR
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
324Kb / 17P
   Panel Circuit Indicator
logo
Marktech Corporate
TLPGU1002A MARKTECH-TLPGU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
270Kb / 17P
   TLOU1002AT02
More results

유사한 설명 - TLPGU1002A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com