전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP185GB-TPLEO 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP185GB-TPLEO
상세설명  Office Machine Programmable Controllers AC Adapter I/O Interface Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP185GB-TPLEO 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP185GB-TPLEO Datasheet HTML 1Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 2Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 3Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 4Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 5Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 6Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 7Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 8Page - Toshiba Semiconductor TLP185GB-TPLEO Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP185
2012-02-14
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP185
Office Machine
Programmable Controllers
AC Adapter
I/O Interface Board
The TOSHIBA mini flat coupler TLP185 is a small outline coupler, suitable
for surface mount assembly.
TLP185 consist of a photo transistor optically coupled to a gallium arsenide
infrared emitting diode. Since TLP185 is smaller than DIP package, it’s
suitable for high-density surface mounting applications such as
programmable controllers
• Collector−emitter voltage: 80V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 3750Vrms (min)
• Operation Temperature:-55 to 110 ˚C
• Safety Standards
UL approved: UL1577, File No. E67349
cUL approved: CSA Component Acceptance Service No. 5A
File No.E67349
• BSI approved:
BS EN60065:2002, Certificate No. 9020
BS EN60950-1:2006, Certificate No. 9021
• Option (V4) type
VDE approved: EN60747-5-2, Certificate No. 40009347
(Note): When a EN60747-5-2 approved type is needed,
Please designate “Option(V4)”
Construction mechanical rating
Creepage distance
: 5.0 mm(min)
Clearance
: 5.0 mm(min)
Insulation thickness
: 0.4 mm(min)
6
1: Anode
3: Cathode
4: Emitter
6: Collector
4
1
3
Unit: mm
TOSHIBA
11-4M1S
Weight: 0.08 g (Typ.)
Pin Configuration(top view)


유사한 부품 번호 - TLP185GB-TPLEO

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
More results

유사한 설명 - TLP185GB-TPLEO

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com