전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP185 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP185
상세설명  Office Machine Programmable Controllers AC Adapter I/O Interface Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP185 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP185 Datasheet HTML 1Page - Toshiba Semiconductor TLP185 Datasheet HTML 2Page - Toshiba Semiconductor TLP185 Datasheet HTML 3Page - Toshiba Semiconductor TLP185 Datasheet HTML 4Page - Toshiba Semiconductor TLP185 Datasheet HTML 5Page - Toshiba Semiconductor TLP185 Datasheet HTML 6Page - Toshiba Semiconductor TLP185 Datasheet HTML 7Page - Toshiba Semiconductor TLP185 Datasheet HTML 8Page - Toshiba Semiconductor TLP185 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLP185
2012-02-14
5
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
5
Fall time
tf
9
Turn−on time
ton
9
Turn−off time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
9
μs
Turn−on time
ton
2
Storage time
ts
30
Turn−off time
toff
RL = 1.9 kΩ
(Fig.1)
VCC = 5 V, IF = 16 mA
70
μs
Fig. 1
Switching time test circuit
IF
VCC
RL
VCE
tOFF
tON
VCE
IF
tS
4.5V
0.5V
VCC
ton
toff


유사한 부품 번호 - TLP185

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
TLP185 UMW-TLP185 Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
More results

유사한 설명 - TLP185

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com