전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8429DB-T1-E1 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI8429DB-T1-E1
상세설명  P-Channel 1.2 V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8429DB-T1-E1 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI8429DB-T1-E1 Datasheet HTML 1Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 2Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 3Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 4Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 5Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 6Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 7Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 8Page - Vishay Siliconix SI8429DB-T1-E1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Vishay Siliconix
Si8429DB
Document Number: 74399
S13-1847-Rev.D, 19-Aug-13
www.vishay.com
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.4
1
10
20
0.0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1.2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.02
0.03
0.04
0.05
0.06
0.07
0.08
012345
ID = 1 A
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0.001
0
40
80
60
10
Time (s)
20
0.01
0.1
1
100
600
Safe Operating Area, Junction-to-Ambient
100
1
0
1
1
1
.
0
0.01
10
0.1
TA = 25 °C
Single Pulse
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
P(t) = 10
DC
IDM Limited
ID(on)
Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
Limited by RDS(on)*


유사한 부품 번호 - SI8429DB-T1-E1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI8429DB VISHAY-SI8429DB Datasheet
212Kb / 4P
   P-Channel 1.2V (G-S) MOSFET
Rev. A, 21-Jan-08
SI8429DB VISHAY-SI8429DB Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI8429DB-T1-E1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIB417EDK VISHAY-SIB417EDK Datasheet
218Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
Rev. B, 10-Aug-09
SI1499DH VISHAY-SI1499DH Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
Rev. C, 09-Oct-06
SI1499DH VISHAY-SI1499DH_08 Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
S-80579-Rev. E, 17-Mar-08
SI1499DH VISHAY-SI1499DH_15 Datasheet
245Kb / 12P
   P-Channel 1.2 V (G-S) MOSFET
Rev. F, 05-Apr-10
SIB417DK VISHAY-SIB417DK Datasheet
146Kb / 7P
   P-Channel 1.2-V (G-S) MOSFET
Rev. D, 26-May-08
SIB417AEDK VISHAY-SIB417AEDK Datasheet
238Kb / 9P
   P-Channel 1.2 V (G-S) MOSFET
Rev. A, 01-Oct-12
SI1499DH VISHAY-SI1499DH_V01 Datasheet
252Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SIB417EDK VISHAY-SIB417EDK_V01 Datasheet
217Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
01-Jan-2022
SIB414DK VISHAY-SIB414DK Datasheet
154Kb / 7P
   N-Channel 1.2-V (G-S) MOSFET
Rev. C, 10-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com