전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT30J341 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 GT30J341
상세설명  Discrete IGBTs Silicon N-Channel IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT30J341 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  GT30J341 Datasheet HTML 1Page - Toshiba Semiconductor GT30J341 Datasheet HTML 2Page - Toshiba Semiconductor GT30J341 Datasheet HTML 3Page - Toshiba Semiconductor GT30J341 Datasheet HTML 4Page - Toshiba Semiconductor GT30J341 Datasheet HTML 5Page - Toshiba Semiconductor GT30J341 Datasheet HTML 6Page - Toshiba Semiconductor GT30J341 Datasheet HTML 7Page - Toshiba Semiconductor GT30J341 Datasheet HTML 8Page - Toshiba Semiconductor GT30J341 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GT30J341
1
Discrete IGBTs Silicon N-Channel IGBT
GT30J341
GT30J341
GT30J341
GT30J341
1.
1.
1.
1. Applications
Applications
Applications
Applications
Motor Drivers
2.
2.
2.
2. Features
Features
Features
Features
(1)
Sixth generation
(2)
Low saturation voltage: VCE(sat) = 1.5 V (typ.) (IC = 30 A)
(3)
High junction temperature: Tj = 175 (max)
(4)
FRD included between emitter and collector
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
1: Gate
2: Collector (Heat sink)
3: Emitter
TO-3P(N)
2012-03-29
Rev.1.0


유사한 부품 번호 - GT30J341

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT30J301 TOSHIBA-GT30J301 Datasheet
329Kb / 6P
   N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT30J301 TOSHIBA-GT30J301 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT30J311 TOSHIBA-GT30J311 Datasheet
328Kb / 6P
   N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT30J311 TOSHIBA-GT30J311 Datasheet
835Kb / 16P
   Discrete IGBTs
GT30J322 TOSHIBA-GT30J322 Datasheet
257Kb / 5P
   N CHANNEL MOS TYPE ( THE 4TH GENERATION CURRENT RESONANCE INVERTER SWITCHING APPLICATIONS)
More results

유사한 설명 - GT30J341

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT60PR21 TOSHIBA-GT60PR21 Datasheet
224Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J121 TOSHIBA-GT20J121 Datasheet
195Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com