전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431CX 데이터시트(PDF) 5 Page - Analog Intergrations Corporation

부품명 TL431CX
상세설명  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIC [Analog Intergrations Corporation]
홈페이지  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431CX 데이터시트(HTML) 5 Page - Analog Intergrations Corporation

  TL431CX Datasheet HTML 1Page - Analog Intergrations Corporation TL431CX Datasheet HTML 2Page - Analog Intergrations Corporation TL431CX Datasheet HTML 3Page - Analog Intergrations Corporation TL431CX Datasheet HTML 4Page - Analog Intergrations Corporation TL431CX Datasheet HTML 5Page - Analog Intergrations Corporation TL431CX Datasheet HTML 6Page - Analog Intergrations Corporation TL431CX Datasheet HTML 7Page - Analog Intergrations Corporation TL431CX Datasheet HTML 8Page - Analog Intergrations Corporation TL431CX Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AIC431/TL431A/TL431
5
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Minimum Cathode current for
Regulation
VZ=VREF (Fig. 1)
IZ(MIN)
0.25
0.5
mA
Off-State Current
VZ=20V, VREF =0V (Fig. 3)
IZ(OFF)
0.1
1.0
µA
Dynamic Output Impedance
(Note 4)
VZ=VREF
Frequency= 0Hz (Fig. 1)
RZ
0.08
0.3
T2
T1
VMAX
VDEV = VMAX-VMIN
VMIN
TEMPERATURE
Note 3. Deviation of reference input voltage, V
DEV, is de-
fined as the maximum variation of the reference input
voltage over the full temperature range.
The average temperature coefficient of the reference in-
put voltage,
αV
REF is d efined as:
T1
T2
10
C)
25
(at
V
V
T1
T2
6
10
C)
25
(at
V
V
-
V
C
ppm
V
6
REF
DEV
REF
MIN
MAX
REF
°
±
=
°
±
=
°
Where:
T2T1=full temperature change.
αV
REF
can be positive or negative depending on
whether the slope is positive or negative.
Example: VDEV= 9.0mV, VREF= 2495mV,
T2T1= 70°C, slope is negative.
C
50ppm/
V
C
70
6
10
2495mV
9.0mV
REF
°
=


=
°
α
Note 4. The dynamic output impedance, Rz, is de-
fined as:
RZ =
Z
Z
V
I
When the device is programmed with two external re-
sistors, R1 and R2, (see Fig. 2), the dynamic output
impedance of the overall circuit, is defined as:
[ ]
R2
R1
1
Rz
Iz
Vz
z
r
+
=
n TYPICAL PERFORMANCE CHARACTERISTICS
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-600
-400
-200
0
200
400
600
800
1000
IZ(MIN)
VZ =VREF
TA =25°C
Cathode Current vs Cathode Voltage
Cathode Voltage (V)
-40
-20
0
20
40
60
80
100
120
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Reference Voltage vs Temperature
VZ =VREF
IZ =10mA
Temperature (°C)
VREF=2.535V
VREF=2.495V
VREF=2.455V


유사한 부품 번호 - TL431CX

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431C STMICROELECTRONICS-TL431C Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
logo
HTC Korea TAEJIN Techno...
TL431C HTC-TL431C Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431C HTC-TL431C Datasheet
385Kb / 11P
   Programmable Output Voltage to 40V
logo
Continental Device Indi...
TL431C CDIL-TL431C Datasheet
141Kb / 3P
   PROGRAMMABLE SHUNT REGULATOR
More results

유사한 설명 - TL431CX

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com