전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD743 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD743
상세설명  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD743 데이터시트(HTML) 4 Page - Analog Devices

  AD743 Datasheet HTML 1Page - Analog Devices AD743 Datasheet HTML 2Page - Analog Devices AD743 Datasheet HTML 3Page - Analog Devices AD743 Datasheet HTML 4Page - Analog Devices AD743 Datasheet HTML 5Page - Analog Devices AD743 Datasheet HTML 6Page - Analog Devices AD743 Datasheet HTML 7Page - Analog Devices AD743 Datasheet HTML 8Page - Analog Devices AD743 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. E
–4–
AD743–Typical Performance Characteristics
20
15
10
05
10
SUPPLY VOLTAGE ( V)
15
20
5
0
RLOAD = 10k
+VIN
–VIN
TPC 1. Input Voltage Swing vs.
Supply Voltage
12
9
6
05
10
SUPPLY VOLTAGE ( V)
15
20
3
0
TPC 4. Quiescent Current vs.
Supply Voltage
300
200
–12
–9
3
6
9
12
–6
COMMON-MODE VOLTAGE (V)
–3
0
100
0
TPC 7. Input Bias Current vs.
Common-Mode Voltage
(@ 25 C, VS = 15 V)
20
15
10
05
10
SUPPLY VOLTAGE ( V)
15
20
50
0
RLOAD = 10k
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
TPC 2. Output Voltage Swing
vs. Supply Voltage
TEMPERATURE ( C)
–60 –40 –20
0
20
40
60
80 100 120 140
10–12
10–11
10–10
10–9
10–8
10–7
10–6
TPC 5. Input Bias Current vs.
Temperature
TEMPERATURE ( C)
–60 –40 –20
0
20
40
60
80 100 120 140
0
10
20
30
40
50
60
70
80
– OUTPUT
CURRENT
+ OUTPUT
CURRENT
TPC 8. Short Circuit Current
Limit vs. Temperature
20
25
30
35
15
10
10
100
1k
LOAD RESISTANCE ( )
10k
5
0
TPC 3. Output Voltage Swing
vs. Load Resistance
1
10
100
200
0.1
10k
100k
1M
FREQUENCY (Hz)
10M
100M
0.01
TPC 6. Output Impedance vs.
Frequency (Closed-Loop Gain = –1)
TEMPERATURE ( C)
–60 –40 –20
0
20
40
60
80 100 120 140
2.0
3.0
4.0
5.0
6.0
7.0
TPC 9. Gain Bandwidth Product
vs. Temperature


유사한 부품 번호 - AD743

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743 AD-AD743 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
More results

유사한 설명 - AD743

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com