전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD707AR-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD707AR-REEL
상세설명  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD707AR-REEL 데이터시트(HTML) 7 Page - Analog Devices

  AD707AR-REEL Datasheet HTML 1Page - Analog Devices AD707AR-REEL Datasheet HTML 2Page - Analog Devices AD707AR-REEL Datasheet HTML 3Page - Analog Devices AD707AR-REEL Datasheet HTML 4Page - Analog Devices AD707AR-REEL Datasheet HTML 5Page - Analog Devices AD707AR-REEL Datasheet HTML 6Page - Analog Devices AD707AR-REEL Datasheet HTML 7Page - Analog Devices AD707AR-REEL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD707
REV. B
–7–
18-BIT SETTLING TIME
Figure 22 shows the AD707 settling to within 80
µV of its final
value for a 20 V output step in less than 100
µs (in the test con-
figuration shown in Figure 23). To achieve settling to 18 bits,
any amplifier specified to have a gain of 4 V/
µV would appear to
be good enough, however, this is not the case. In order to truly
achieve 18-bit accuracy, the gain linearity must be better than
4 ppm.
The gain nonlinearity of the AD707 does not contribute to the
error, and the gain itself only contributes 0.1 ppm. The gain
error, along with the VOS and VOS drift errors do not comprise
1 LSB of error in an 18-bit system over the military temperature
range. If calibration is used to null offset errors, the AD707
resolves up to 20 bits at +25
°C.
TIME – 50µs/Div
REFERENCE
SIGNAL
10V/Div
D.U.T.
OUTPUT
ERROR
50µV/Div
OUTPUT:
10V/Div
Figure 22. 18-Bit Settling
–VS
6
2
3
OP27
200k
2x HP1N6263
VERROR x 100
7
10µF
0.1µF
+VS
10µF
0.1µF
–VS
6
2
3
D.U.T.
AD707
100
7
10µF
0.1µF
+VS
10µF
0.1µF
1.9k
2k
4
2k
VIN
FLAT-TOP
PULSE
GENERATOR
DATA
DYNAMICS
5109
OR
EQUIVALENT
2k
4
Figure 23. Op Amp Settling Time Test Circuit
140 dB CMRR INSTRUMENTATION AMPLIFIER
The extremely tight dc specifications of the AD707 enable the
designer to build very high performance, high gain instrumenta-
tion amplifiers without having to select matched op amps for the
crucial first stage. For the second stage, the lowest grade AD707
is ideally suited. The CMRR is typically the same as the high
grade parts, but does not exact a premium for drift performance
(which is less critical in the second stage). Figure 24 shows an
example of the classic instrumentation amp. Figure 25 shows
that the circuit has at least 140 dB of common-mode rejection
for a
±10 V common-mode input at a gain of 1001 (R
G = 20
Ω).
6
2
3
A1
AD707
10k
200
9.9k
R2
10k
–IN
R4
10k
RG
10k
R1
10k
6
2
3
A3
AD707
6
2
3
A2
AD707
+IN
R2
RCM
CIRCUIT GAIN = –––––– + 1
RG
20,000
Figure 24. A 3 Op Amp Instrumentation Amplifier
High CMRR is obtained by first adjusting RCM until the output
does not change as the input is swept through the full common-
mode range. The value of RG, should then be selected to achieve
the desired gain. Matched resistors should be used for the
output stage so that RCM is as small as possible. The smaller the
value Of RCM, the lower the noise introduced by potentiometer
wiper vibrations. To maintain the CMRR at 140 dB over a
20
°C range, the resistor ratios in the output stage, R1/R2 and
R3/R4, must track each other better than 10 ppm/
°C.
TIME – 2 sec/Div
CH1
CH2
INPUT
COMMON-MODE
SIGNAL: 10V/Div
COMMON-MODE
ERROR REFERRED
TO INPUT: 5µV/Div
Figure 25. Instrumentation Amplifier
Common-Mode Rejection


유사한 부품 번호 - AD707AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD707AR-REEL AD-AD707AR-REEL Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AR-REEL7 AD-AD707AR-REEL7 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

유사한 설명 - AD707AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com