전자부품 데이터시트 검색엔진 |
|
AD810AR 데이터시트(PDF) 10 Page - Analog Devices |
|
AD810AR 데이터시트(HTML) 10 Page - Analog Devices |
10 / 16 page AD810 REV. A –10– –Typical Characteristics, Inverting Connection 90 0% 1V 100mV 10 20nS 100 VIN VO Figure 37. Small Signal Pulse Response, Gain = –10, RF = 442 Ω, RL = 150 Ω, VS = ±15 V 180 135 90 45 0 –45 –90 10 100 1000 GAIN = –10 RF = 249Ω RL = 150Ω VS = ±15V ±5V ±2.5V VS = ±15V ±5V ±2.5V FREQUENCY – MHz PHASE GAIN 1 20 15 19 18 17 16 21 Figure 39. Closed-Loop Gain and Phase vs. Frequency, G = –10, RL = 150 Ω 40 20 30 70 50 60 80 90 100 218 16 14 12 10 8 6 4 SUPPLY VOLTAGE – ±Volts G = –10 RL = 150Ω VO = 250mV p- p RF = 249Ω RF = 442Ω RF = 750Ω NO PEAKING Figure 41. –3 dB Bandwidth vs. Supply Voltage, G = –10, RL = 150 Ω 90 0% 10V 1V 10 50nS 100 VIN VO Figure 38. Large Signal Pulse Response, Gain = –10, RF = 442 Ω, RL = 400 Ω, VS = ±15 V 20 15 19 18 17 16 21 10 100 1000 GAIN = –10 RF = 249Ω RL = 1kΩ FREQUENCY – MHz PHASE GAIN 180 135 90 45 0 –45 –90 1 VS = ±15V ±5V ±2.5V VS = ±15V ±5V ±2.5V Figure 40. Closed-Loop Gain and Phase vs. Frequency, G = –10, RL = 1 k Ω 40 20 2 30 70 50 60 80 90 100 18 16 14 12 10 8 6 4 SUPPLY VOLTAGE – ±Volts G = –10 RL = 1kΩ VO = 250mV p- p RF = 249Ω RF = 442Ω RF = 750Ω NO PEAKING Figure 42. –3 dB Bandwidth vs. Supply Voltage, G = –10, RL = 1 kΩ |
유사한 부품 번호 - AD810AR |
|
유사한 설명 - AD810AR |