전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7686CRMRL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7686CRMRL7
상세설명  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7686CRMRL7 데이터시트(HTML) 5 Page - Analog Devices

  AD7686CRMRL7 Datasheet HTML 1Page - Analog Devices AD7686CRMRL7 Datasheet HTML 2Page - Analog Devices AD7686CRMRL7 Datasheet HTML 3Page - Analog Devices AD7686CRMRL7 Datasheet HTML 4Page - Analog Devices AD7686CRMRL7 Datasheet HTML 5Page - Analog Devices AD7686CRMRL7 Datasheet HTML 6Page - Analog Devices AD7686CRMRL7 Datasheet HTML 7Page - Analog Devices AD7686CRMRL7 Datasheet HTML 8Page - Analog Devices AD7686CRMRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7686
Rev. B | Page 5 of 28
TIMING SPECIFICATIONS
−40°C to +85°C, VDD = 4.5 V to 5.5 V, VIO = 2.3 V to 5.5 V or VDD + 0.3 V, whichever is the lowest, unless otherwise stated.
See Figure 3 and Figure 4 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
0.5
1.6
μs
Acquisition Time
tACQ
400
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width ( CS Mode)
tCNVH
10
ns
SCK Period (CS Mode)
tSCK
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
17
ns
VIO Above 3 V
18
ns
VIO Above 2.7 V
19
ns
VIO Above 2.3 V
20
ns
SCK Low Time
tSCKL
7
ns
SCK High Time
tSCKH
7
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
14
ns
VIO Above 3 V
15
ns
VIO Above 2.7 V
16
ns
VIO Above 2.3 V
17
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 4.5 V
15
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
25
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
15
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
3
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
4
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
tDSDOSDI
VIO Above 4.5 V
15
ns
VIO Above 2.3 V
26
ns
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
50pF
Figure 3. Load Circuit for Digital Interface Timing
30% VIO
70% VIO
2V OR VIO – 0.5V1
0.8V OR 0.5V2
0.8V OR 0.5V2
2V OR VIO – 0.5V1
tDELAY
tDELAY
12V IF VIO ABOVE 2.5V, VIO – 0.5V IF VIO BELOW 2.5V.
20.8V IF VIO ABOVE 2.5V, 0.5V IF VIO BELOW 2.5V.
Figure 4. Voltage Levels for Timing


유사한 부품 번호 - AD7686CRMRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7686CRMZRL7 AD-AD7686CRMZRL7 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
More results

유사한 설명 - AD7686CRMRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7683BRMZ AD-AD7683BRMZ Datasheet
404Kb / 16P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com