전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8008ARM-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8008ARM-REEL
상세설명  Ultralow Distortion,High Speed Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8008ARM-REEL Datasheet HTML 4Page - Analog Devices AD8008ARM-REEL Datasheet HTML 5Page - Analog Devices AD8008ARM-REEL Datasheet HTML 6Page - Analog Devices AD8008ARM-REEL Datasheet HTML 7Page - Analog Devices AD8008ARM-REEL Datasheet HTML 8Page - Analog Devices AD8008ARM-REEL Datasheet HTML 9Page - Analog Devices AD8008ARM-REEL Datasheet HTML 10Page - Analog Devices AD8008ARM-REEL Datasheet HTML 11Page - Analog Devices AD8008ARM-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD8007/AD8008
Rev. E | Page 7 of
20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, RL = 150 Ω, RS = 200 Ω, RF = 499 Ω, unless otherwise noted.
FREQUENCY (MHz)
3
2
–5
1
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
G = +2
G = +10
G = –1
Figure 6. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
RL = 1kΩ, VS = ±5V
RL = 150kΩ, VS = ±5V
RL = 150kΩ, VS = 5V
Figure 7. Small Signal Frequency Response for VS and RL
FREQUENCY (MHz)
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
RL = 1kΩ
RS = 200Ω
RS = 301Ω
RS = 249Ω
Figure 8. Small Signal Frequency Response for Various RS Values
FREQUENCY (MHz)
6.4
6.3
5.6
100
10
6.0
5.9
5.8
5.7
6.2
6.1
5.5
5.4
1000
G = +2
VS = +5V
VS = ±5V
Figure 9. 0.1 dB Gain Flatness; VS = +5, VS = ±5 V
FREQUENCY (MHz)
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RL = 1kΩ, VS = +5V
RL = 150kΩ,
VS = +5V
RL = 1kΩ, VS = ±5V
RL = 150kΩ, VS = ±5V
Figure 10. Small Signal Frequency Response for VS and RL
FREQUENCY (MHz)
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RF = RG = 324Ω
RF = RG = 249Ω
RF = RG = 499Ω
RF = RG = 649Ω
Figure 11. Small Signal Frequency Response for Various Feedback Resistors,
RF = RG


유사한 부품 번호 - AD8008ARM-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8008ARM-REEL AD-AD8008ARM-REEL Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8008ARM-REEL AD-AD8008ARM-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
More results

유사한 설명 - AD8008ARM-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com