전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1275-1ARQZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADM1275-1ARQZ
상세설명  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADM1275-1ARQZ Datasheet HTML 2Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 3Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 4Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 5Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 6Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 7Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 8Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 9Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 6 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PWRGD PIN
Output Low Voltage, VOL_PWRGD
0.4
V
IPWRGD = 1 mA
1.5
V
IPWRGD = 5 mA
VCC That Guarantees Valid Output
1
V
ISINK = 100 μA; VOL_PWRGD = 0.4 V
Leakage Current
100
nA
VPWRGD ≤ 2 V; PWRGD output high-Z
1
µA
VPWRGD = 20 V; PWRGD output high-Z
CURRENT AND VOLTAGE MONITORING
Current Sense Absolute Error
25 mV input range; 128 sample averaging (unless
otherwise noted)
±0.2
±0.7
%
VSENSE = 20 mV; VSENSE+ = 12 V; TA = 0°C to 65°C
±0.08
%
VSENSE = 20 mV; VSENSE+ = 12 V; TA = 25°C
±1.0
%
VSENSE = 20 mV
±0.08
%
VSENSE = 20 mV; TA = 25°C
±0.2
%
VSENSE = 20 mV; TA = 0°C to 65°C
±1.0
%
VSENSE = 20 mV; 16 sample averaging
±0.08
%
VSENSE = 20 mV; 16 sample averaging; TA = 25°C
±0.2
%
VSENSE = 20 mV; 16 sample averaging; TA = 0°C to 65°C
±2.8
%
VSENSE = 20 mV; 1 sample averaging
±0.09
%
VSENSE = 20 mV; 1 sample averaging; TA = 25°C
±0.2
%
VSENSE = 20 mV; 1 sample averaging; TA = 0°C to 65°C
±0.7
%
VSENSE = 25 mV; VSENSE+ = 12 V
±0.04
%
VSENSE = 25 mV; VSENSE+ = 12 V; TA = 25°C
±0.15
%
VSENSE = 25 mV; VSENSE+ = 12 V; TA = 0°C to 65°C
±0.75
%
VSENSE = 20 mV; VSENSE+ = 12 V
±0.8
%
VSENSE = 15 mV; VSENSE+ = 12 V
±1.1
%
VSENSE = 10 mV; VSENSE+ = 12 V
±2.0
%
VSENSE = 5 mV; VSENSE+ = 12 V
±4.3
%
VSENSE = 2.5 mV; VSENSE+ = 12 V
SENSE+/VOUT Absolute Error
±1.0
%
Low input range; input voltage ≥ 3 V
±1.0
%
High input range; input voltage ≥ 10 V
ADC Conversion Time
250
305
µs
1 sample of voltage and current; from command
received to valid data in register
4000
4880
µs
16 samples of voltage and current averaged; from
command received to valid data in register
ADR PIN
Address Set to 00
0
0.8
V
Connect to GND
Input Current for Address 00
−40
−22
μA
VADR = 0 V to 0.8 V
Address Set to 01
135
150
165
kΩ
Resistor to GND
Address Set to 10
−1
+1
μA
No connect state; maximum leakage current allowed
Address Set to 11
2
V
Connect to VCAP
Input Current for Address 11
3
10
μA
VADR = 2.0 V to VCAP; must not exceed the maximum
allowable current draw from VCAP
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
1.1
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL
0.4
V
IOL = 4 mA
Input Leakage, ILEAK-PIN
−10
+10
μA
−5
+5
μA
Device is not powered
Nominal Bus Voltage, VDD
2.7
5.5
V
3 V to 5 V ± 10%
Capacitance for SDA, SCL Pin, CPIN
5
pF
Input Glitch Filter, tSP
0
50
ns


유사한 부품 번호 - ADM1275-1ARQZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

유사한 설명 - ADM1275-1ARQZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com