전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9259-50EB1 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9259-50EB1
상세설명  High Speed ADC USB FIFO Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9259-50EB1 데이터시트(HTML) 5 Page - Analog Devices

  AD9259-50EB1 Datasheet HTML 1Page - Analog Devices AD9259-50EB1 Datasheet HTML 2Page - Analog Devices AD9259-50EB1 Datasheet HTML 3Page - Analog Devices AD9259-50EB1 Datasheet HTML 4Page - Analog Devices AD9259-50EB1 Datasheet HTML 5Page - Analog Devices AD9259-50EB1 Datasheet HTML 6Page - Analog Devices AD9259-50EB1 Datasheet HTML 7Page - Analog Devices AD9259-50EB1 Datasheet HTML 8Page - Analog Devices AD9259-50EB1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 5 of 28
FIFO 4.1 DATA CAPTURE BOARD FEATURES
6V SWITCHING
POWER SUPPLY
CONNECTION
ON BOARD +3.3V
REGULATOR
OPTIONAL POWER
CONNECTION
USB CONNECTION
TO COMPUTER
µCONTROLLER CRYSTAL
CLOCK = 24MHz,
OFF DURING
DATA CAPTURE
RESET SWITCH
WHEN ENCODE RATE
IS INTERRUPTED
OPTIONAL SERIAL
PORT INTERFACE
CONNECTOR
OPEN SOLDER MASK
ON ALL DATA AND
CLOCK LINES FOR
EASY PROBING
IDT72V283 32k
16-BIT 133MHz FIFO
120-CONNECTOR
(PARALLEL CMOS
INPUTS)
TIMING ADJUSTMENT
JUMPERS
IDT72V283 32k
16-BIT 133MHz FIFO
Figure 2. FIFO Components (Top View)


유사한 부품 번호 - AD9259-50EB1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9259-50EB AD-AD9259-50EB Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259-50EBZ AD-AD9259-50EBZ Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

유사한 설명 - AD9259-50EB1

제조업체부품명데이터시트상세설명
logo
Analog Devices
HSC-ADC-EVALA-DC AD-HSC-ADC-EVALA-DC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
HSC-ADC-EVALA-SC AD-HSC-ADC-EVALA-SC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
   UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com