전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2677SX-5.0 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM2677SX-5.0
상세설명  LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2677SX-5.0 데이터시트(HTML) 5 Page - Texas Instruments

  LM2677SX-5.0 Datasheet HTML 1Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 2Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 3Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 4Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 5Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 6Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 7Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 8Page - Texas Instruments LM2677SX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM2677
www.ti.com
SNVS077I – MAY 2004 – REVISED JUNE 2012
All Output Voltage Versions Electrical Characteristics (continued)
Limits appearing in bold type face apply over the entire junction temperature range of operation,
−40°C to 125°C.
Specifications appearing in normal type apply for TA = TJ = 25°C. Unless otherwise specified VIN=12V for the 3.3V, 5V and
Adjustable versions and VIN=24V for the 12V version, Sync pin open circuited..
Symbol
Parameter
Conditions
Typ
Min
Max
Units
θJA
Thermal
NDZ Package, Junction to Ambient(1)
65
°C/W
Resistance
θJA
NDZ Package, Junction to Ambient(2)
45
θJC
NDZ Package, Junction to Case
2
θJA
KTW Package, Junction to Ambient(3)
56
θJA
KTW Package, Junction to Ambient(4)
35
θJA
KTW Package, Junction to Ambient(5)
26
θJC
KTW Package, Junction to Case
2
++
θJA
NHM Package, Junction to Ambient(6)
55
°C/W
θJA
NHM Package, Junction to Ambient(7)
29
(1)
Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(2)
Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PC board containing approximately 4 square inches of (1 oz.) copper area surrounding the leads.
(3)
Junction to ambient thermal resistance for the 7 lead DDPAK/TO-263 mounted horizontally against a PC board area of 0.136 square
inches (the same size as the DDPAK/TO-263 package) of 1 oz. (0.0014 in. thick) copper.
(4)
Junction to ambient thermal resistance for the 7 lead DDPAK/TO-263 mounted horizontally against a PC board area of 0.4896 square
inches (3.6 times the area of the DDPAK/TO-263 package) of 1 oz. (0.0014 in. thick) copper.
(5)
Junction to ambient thermal resistance for the 7 lead DDPAK/TO-263 mounted horizontally against a PC board copper area of 1.0064
square inches (7.4 times the area of the DDPAK/TO-263 package) of 1 oz. (0.0014 in. thick) copper. Additional copper area will reduce
thermal resistance further. See the thermal model in Switchers Made Simple software.
(6)
Junction to ambient thermal resistance for the 14-lead VSON mounted on a PC board copper area equal to the die attach paddle.
(7)
Junction to ambient thermal resistance for the 14-lead VSON mounted on a PC board copper area using 12 vias to a second layer of
copper equal to die attach paddle. Additional copper area will reduce thermal resistance further. For layout recommendations, refer to
Application Note AN-1187 (SNOA401).
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2677


유사한 부품 번호 - LM2677SX-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2677S-12 NSC-LM2677S-12 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2677S-3.3 NSC-LM2677S-3.3 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2677S-5.0 NSC-LM2677S-5.0 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2677S-ADJ NSC-LM2677S-ADJ Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
More results

유사한 설명 - LM2677SX-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com