전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC109DT 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74HC109DT
상세설명  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC109DT 데이터시트(HTML) 1 Page - Texas Instruments

  SN74HC109DT Datasheet HTML 1Page - Texas Instruments SN74HC109DT Datasheet HTML 2Page - Texas Instruments SN74HC109DT Datasheet HTML 3Page - Texas Instruments SN74HC109DT Datasheet HTML 4Page - Texas Instruments SN74HC109DT Datasheet HTML 5Page - Texas Instruments SN74HC109DT Datasheet HTML 6Page - Texas Instruments SN74HC109DT Datasheet HTML 7Page - Texas Instruments SN74HC109DT Datasheet HTML 8Page - Texas Instruments SN74HC109DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54HC109, SN74HC109
DUAL JK POSITIVEEDGETRIGGERED
FLIPFLOPS WITH CLEAR AND PRESET
SCLS470A − MARCH 2003 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Low Input Current of 1 µA Max
D High-Current Outputs Drive Up To
10 LSTTL Loads
D Low Power Consumption, 40-µA Max ICC
D Typical tpd = 12 ns
D ±4-mA Output Drive at 5 V
SN54HC109 ...J OR W PACKAGE
SN74HC109 . . . D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLR
1J
1K
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2J
2K
2CLK
2PRE
2Q
2Q
SN54HC109 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2J
2K
NC
2CLK
2PRE
1K
1CLK
NC
1PRE
1Q
description/ordering information
These devices contain two independent J-K positive-edge-triggered flip-flops. A low level at the preset (PRE)
or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When PRE and CLR
are inactive (high), data at the J and K inputs meeting the setup-time requirements are transferred to the outputs
on the positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a voltage level and is not related
directly to the rise time of the clock pulse. Following the hold-time interval, data at the J and K inputs can be
changed without affecting the levels at the outputs. These versatile flip-flops can perform as toggle flip-flops by
grounding K and tying J high. They also can perform as D-type flip-flops if J and K are tied together.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC109N
SN74HC109N
Tube of 40
SN74HC109D
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC109DR
HC109
−40 C to 85 C
SOIC − D
Reel of 250
SN74HC109DT
HC109
SOP − NS
Reel of 2000
SN74HC109NSR
HC109
CDIP − J
Tube of 25
SNJ54HC109J
SNJ54HC109J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC109W
SNJ54HC109W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC109FK
SNJ54HC109FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - SN74HC109DT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC109DT TI1-SN74HC109DT Datasheet
827Kb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

유사한 설명 - SN74HC109DT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54109 TI-SN54109 Datasheet
271Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT109 TI-CD54ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI1-SN54F109_15 Datasheet
563Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS109 TI1-SN74LS109_V01 Datasheet
409Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
2022
74AC11109 TI-74AC11109 Datasheet
89Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI1-SN54ALS109A_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI-SN54F109 Datasheet
109Kb / 6P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI-SN54ALS109A Datasheet
138Kb / 9P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS109A HITACHI-HD74LS109A Datasheet
68Kb / 6P
   Dual J-K Positive-edge-triggered Flip-Flops(with Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19