전자부품 데이터시트 검색엔진 |
|
IRF7470TRPBF 데이터시트(PDF) 4 Page - International Rectifier |
|
IRF7470TRPBF 데이터시트(HTML) 4 Page - International Rectifier |
4 / 8 page IRF7470PbF 4 www.irf.com Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage 0 10 20 30 40 50 60 0 2 4 6 8 10 Q , Total Gate Charge (nC) G I = D 8.0A V = 20V DS V = 32V DS Fig 7. Typical Source-Drain Diode Forward Voltage 0.1 1 10 100 0.2 0.6 1.0 1.4 1.8 2.2 V ,Source-to-Drain Voltage (V) SD V = 0 V GS T = 25 C J ° T = 150 C J ° 1 10 100 1000 0.1 1 10 100 OPERATION IN THIS AREA LIMITED BY RDS(on) Single Pulse T T = 150 C = 25 C ° ° J A V , Drain-to-Source Voltage (V) DS 10us 100us 1ms 10ms Fig 8. Maximum Safe Operating Area 1 10 100 VDS, Drain-to-Source Voltage (V) 10 100 1000 10000 100000 Coss Crss Ciss VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds+ Cgd |
유사한 부품 번호 - IRF7470TRPBF |
|
유사한 설명 - IRF7470TRPBF |