전자부품 데이터시트 검색엔진 |
|
TPA2016D2YZHR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
TPA2016D2YZHR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 39 page I 2 C Interface & Control INL+ INL- SDA OUTL+ OUTL- SDZ INR+ INR- SCL Class-D Modulator Volume Control Differential Input Left C IN 1uF Differential Input Right C IN 1uF I 2 C Interface IC shutdown Power Stage AGC Reference Volume Control Power Stage OUTR+ OUTR- AGND PGND Bias and References AVDD PVDDR PVDDL AGC Class-D Modulator DEVICE PINOUT PGND OUTL– OUTR– OUTR+ INL– INR+ INL+ INR– AGND SDA SCL AVDD PVDDL SDZ PVDDR OUTL+ D 1 D 2 D 3 D 4 C 1 C 2 C 3 C 4 B1 B3 B4 B2 A1 A2 A3 A4 RTJ(QFN)PACKAGE (TopView) 1 5 6 10 11 15 16 20 INL+ INL- AGND PVDDL PVDDL PVDDR PVDDR INR+ INR- AVDD YZH(WCSP)PACKAGE (TopView) TPA2016D2 SLOS524D – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. FUNCTIONAL BLOCK DIAGRAM 2 Copyright © 2008–2009, Texas Instruments Incorporated Product Folder Link(s): TPA2016D2 |
유사한 부품 번호 - TPA2016D2YZHR |
|
유사한 설명 - TPA2016D2YZHR |