전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2016D2YZHT 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2016D2YZHT
상세설명  2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2YZHT 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2016D2YZHT Datasheet HTML 1Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 2Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
RTJ
YZH
1
FEATURES
DESCRIPTION
SIMPLIFIED APPLICATION DIAGRAM
APPLICATIONS
AVDD
INL–
INL+
AGND
PGND
OUTL+
OUTL–
PVDDR
10 F
m
ToBattery
SDA
INR–
INR+
C
1 F
IN
m
OUTR+
OUTR–
SCL
SDZ
I CClock
2
I CData
2
MasterShutdown
TPA2016D2
Digital
Baseband
Analog
Baseband
or
Codec
PVDDL
TPA2016D2
www.ti.com........................................................................................................................................................ SLOS524D – JUNE 2008 – REVISED AUGUST 2009
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
23
• Filter-Free Class-D Architecture
The TPA2016D2 is a stereo, filter-free Class-D audio
power amplifier with volume control, dynamic range
• 1.7 W/Ch Into 8 Ω at 5 V (10% THD+N)
compression (DRC) and automatic gain control
• 750 mW/Ch Into 8 Ω at 3.6 V (10% THD+N)
(AGC). It is available in a 2.2 mm x 2.2 mm WCSP
• 2.8 W/Ch Into 4 Ω at 5 V (10% THD+N)
package and 20-pin QFN package.
• 1.5 W/Ch Into 4 Ω at 3.6 V (10% THD+N)
The
DRC/AGC
function
in
the
TPA2016D2
is
• Power Supply Range: 2.5 V to 5.5 V
programmable
via
a
digital
I2C
interface.
The
DRC/AGC function can be configured to automatically
• Flexible Operation With/Without I2C
prevent distortion of the audio signal and enhance
• Programmable DRC/AGC Parameters
quiet passages that are normally not heard. The
• Digital I2C Volume Control
DRC/AGC can also be configured to protect the
• Selectable Gain from –28 dB to 30 dB in 1-dB
speaker from damage at high power levels and
compress the dynamic range of music to fit within the
Steps (when compression is used)
dynamic range of the speaker. The gain can be
• Selectable Attack, Release and Hold Times
selected from –28 dB to +30 dB in 1-dB steps. The
• 4 Selectable Compression Ratios
TPA2016D2 is capable of driving 1.7 W/Ch at 5 V or
750 mW/Ch at 3.6 V into 8
Ω load or 2.8 W/Ch at 5 V
• Low Supply Current: 3.5 mA
or 1.5 W/Ch at 3.6 V into 4
Ω load. The device
• Low Shutdown Current: 0.2 µA
features independent software shutdown controls for
• High PSRR: 80 dB
each channel and also provides thermal and short
• Fast Start-up Time: 5 ms
circuit protection.
• AGC Enable/Disable Function
In addition to these features, a fast start-up time and
small package size make the TPA2016D2 an ideal
• Limiter Enable/Disable Function
choice for cellular handsets, PDAs and other portable
• Short-Circuit and Thermal Protection
applications.
• Space-Saving Package
2,2 mm × 2,2 mm Nano-Free™ WCSP (YZH)
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• Portable DVD Player
• Notebook PCs
• Portable Radio
• Portable Games
• Educational Toys
• USB Speakers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Nano-Free is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA2016D2YZHT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2016D2YZHT TI-TPA2016D2YZHT Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2YZHT TI1-TPA2016D2YZHT Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

유사한 설명 - TPA2016D2YZHT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com