전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS1100DRG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPS1100DRG4
상세설명  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1100DRG4 데이터시트(HTML) 2 Page - Texas Instruments

  TPS1100DRG4 Datasheet HTML 1Page - Texas Instruments TPS1100DRG4 Datasheet HTML 2Page - Texas Instruments TPS1100DRG4 Datasheet HTML 3Page - Texas Instruments TPS1100DRG4 Datasheet HTML 4Page - Texas Instruments TPS1100DRG4 Datasheet HTML 5Page - Texas Instruments TPS1100DRG4 Datasheet HTML 6Page - Texas Instruments TPS1100DRG4 Datasheet HTML 7Page - Texas Instruments TPS1100DRG4 Datasheet HTML 8Page - Texas Instruments TPS1100DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Such applications include notebook computers, personal digital assistants (PDAs), cellular telephones, and
PCMCIA cards. For existing designs, the D-packaged version has a pinout common with other p-channel
MOSFETs in SOIC packages.
TPS1100Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS1100. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
57
64
TPS1100Y
(2)
(6)
(1)
(3)
(7)
(8)
(5)
(4)
DRAIN
SOURCE
SOURCE
SOURCE
GATE
DRAIN
DRAIN
DRAIN
(2)
(1)
(3)
(4)
(6)
(7)
(8)
(5)


유사한 부품 번호 - TPS1100DRG4

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
TPS1100DRG4 VBSEMI-TPS1100DRG4 Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
More results

유사한 설명 - TPS1100DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com