전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60210DGS 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60210DGS
상세설명  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60210DGS 데이터시트(HTML) 2 Page - Texas Instruments

  TPS60210DGS Datasheet HTML 1Page - Texas Instruments TPS60210DGS Datasheet HTML 2Page - Texas Instruments TPS60210DGS Datasheet HTML 3Page - Texas Instruments TPS60210DGS Datasheet HTML 4Page - Texas Instruments TPS60210DGS Datasheet HTML 5Page - Texas Instruments TPS60210DGS Datasheet HTML 6Page - Texas Instruments TPS60210DGS Datasheet HTML 7Page - Texas Instruments TPS60210DGS Datasheet HTML 8Page - Texas Instruments TPS60210DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Three operating modes can be programmed using the SNOOZE pin. When SNOOZE is low, the device is put
into snooze mode. In snooze mode, the device operates with a typical quiescent current of 2
µA while the output
voltage is maintained at 3.3 V
±6%. This is lower than the self-discharge current of most batteries. Load current
in snooze mode is limited to 2 mA. When SNOOZE is high, the device is put into normal operating mode. During
normal operating mode, the device operates in the newly developed linskip mode where it switches seamlessly
from the power saving pulse-skip mode at light loads to the low-noise constant-frequency linear-regulation
mode once the output current exceeds the linskip current threshold of about 7 mA. In this mode, the device
operates from the internal oscillator. The device is synchronized to an external clock signal if SNOOZE is
clocked; thus switching harmonics can be controlled and minimized.
Only four external capacitors are needed to build a complete low-ripple dc/dc converter. The push-pull operating
mode of two single-ended charge pumps assures the low output voltage ripple as charge is continuously
transferred to the output. All the devices can start with full load current. The devices include a low-battery
detector that issues a warning if the battery voltage drops below a user-defined threshold voltage or a
power-good detector that goes active when the output voltage reaches about 90% of its nominal value. This
dc/dc converter requires no inductors; therefore, EMI of the system is reduced to a minimum, making it easier
to use in designs. It is available in the small 10-pin MSOP package (DGS).
DGS PACKAGES
1
2
3
4
5
10
9
8
7
6
LBI
GND
C1−
C1+
OUT
LBO
SNOOZE
C2−
IN
C2+
TPS60210
TPS60212
1
2
3
4
5
10
9
8
7
6
GND
GND
C1−
C1+
OUT
PG
SNOOZE
C2−
IN
C2+
TPS60211
TPS60213
AVAILABLE OPTIONS
TA
PART NUMBER†
MARKING
DGS
PACKAGE
OUTPUT
CURRENT
(mA)
OUTPUT
VOLTAGE
(V)
DEVICE FEATURES
TPS60210DGS
AFD
100
3.3
Low-battery detector
−40
°C to 85°C
TPS60211DGS
AFE
100
3.3
Power-good detector
−40
°C to 85°C
TPS60212DGS
AFF
50
3.3
Low-battery detector
TPS60213DGS
AFG
50
3.3
Power-good detector
† The DGS package is available taped and reeled. Add R suffix to device type (e.g., TPS60210DGSR) to order
quantities of 3000 devices per reel.


유사한 부품 번호 - TPS60210DGS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60210DGS TI-TPS60210DGS Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
TPS60210DGS TI1-TPS60210DGS Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210DGSG4 TI1-TPS60210DGSG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210DGSR TI1-TPS60210DGSR Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210DGSRG4 TI1-TPS60210DGSRG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

유사한 설명 - TPS60210DGS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com