전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60212DGSRG4 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60212DGSRG4
상세설명  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60212DGSRG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS60212DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 13Page - Texas Instruments TPS60212DGSRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TPS60210
EFFICIENCY
vs
INPUT VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
1.6
2.0
2.4
2.8
3.2
3.6
VI − Input Voltage − V
IO = 50 mA
Figure 6
TPS60210
PEAK OUTPUT CURRENT
vs
INPUT VOLTAGE
150
100
50
0
1.6
2.0
2.4
2.8
200
250
350
3.2
3.6
300
VI − Input Voltage − V
Figure 7
TPS60210
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2
2.9
3.5
3.4
3.3
3.1
3.0
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
VI = 3.6 V
IO − Output Current − mA
1
10
100
1000
Figure 8
3
3.05
3.10
3.15
3.20
3.25
3.30
3.35
1
10
100
VI = 3.6 V
VI = 2.7 V
VI = 2.4 V
VI = 1.8 V
TPS60212
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA


유사한 부품 번호 - TPS60212DGSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60212DGSRG4 TI1-TPS60212DGSRG4 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

유사한 설명 - TPS60212DGSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
[Old version datasheet]   REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com