전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1845W883B 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 UC1845W883B
상세설명  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845W883B 데이터시트(HTML) 3 Page - Texas Instruments

  UC1845W883B Datasheet HTML 1Page - Texas Instruments UC1845W883B Datasheet HTML 2Page - Texas Instruments UC1845W883B Datasheet HTML 3Page - Texas Instruments UC1845W883B Datasheet HTML 4Page - Texas Instruments UC1845W883B Datasheet HTML 5Page - Texas Instruments UC1845W883B Datasheet HTML 6Page - Texas Instruments UC1845W883B Datasheet HTML 7Page - Texas Instruments UC1845W883B Datasheet HTML 8Page - Texas Instruments UC1845W883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
Temp Stability +
V
REF
(max) * VREF (min)
TJ(max) * TJ (min)
VREF(max) and VREF(min) are the maximum and minimum reference voltages measured over
THERMAL CHARACTERISTICS
DISSIPATION RATINGS
ELECTRICAL CHARACTERISTICS
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
over operating free-air temperature range (unless otherwise noted)
PACKAGE
θ
JC
θ
JA
DIL-8
J
28(1)
125-160
N
25
110(2)
SOIC-8
D8
42
84-160(2)
SOIC-14
D14
35
50-120(2)
CFP-14
W
5.49
°C/W
175.4C/W
PLCC-20
Q
34
43-75(2)
(1)
θ
JC data values stated were derived from MIL-STD-1835B.
(2)
Specified
θ
JA (junction to ambient) is for devices mounted to 5 in
2 FR4 PC board with one ounce copper where noted. When resistance
range is given, lower values are for 5 in2. Test PWB was 0.062 in thick and typically used 0.635-mm trace widths for power packages
and 1.3-mm trace widths for non-power packages with 100 x 100-mil probe land area at the end of each trace.
TA≤ 25°C
DERATING FACTOR
TA≤ 70°C
TA≤ 85°CPO
TA≤ 125°C
PACKAGE
POWER RATING
ABOVE TA≤ 25°C
POWER RATING
WER RATING
POWER RATING
W
700 mW
5.5 mW/
°C
452 mW
370 mW
150 mW
Unless otherwise stated, these specifications apply for –55
°C ≤ T
A≤ 125°C for the UC184X; –40°C ≤ TA≤ 85°C for the
UC284X; 0
°C ≤ T
A≤ 70°C for the 384X; VCC = 15 V
(1); R
T = 10 kΩ; CT = 3.3 nF, TA = TJ.
UC1842/3/4/5
UC3842/3/4/5
UC2842/3/4/5
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE SECTION
Output Voltage
TJ = 25°C, IO = 1 mA
4.95
5.00
5.05
4.90
5.00
5.10
V
Line Regulation
12
≤ V
IN≤ 25 V
6
20
6
20
mV
Load Regulation
1
≤ I
0≤ 20 mA
6
25
6
25
Temp. Stability
See (2)(3)
0.2
0.4
0.2
0.4
mV/
°C
Total Output Variation
Line, load, tempature (2)
4.9
5.1
4.82
5.18
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz, T
J = 25°C
(2)
50
50
µV
Long Term Stability
TA = 125°C, 1000 Hrs(2)
5
25
5
25
mV
Output Short Circuit
–30
–100
–180
–30
–100
–180
mA
OSCILLATOR SECTION
Initial Accuracy
TJ = 25°C(4)
47
52
57
47
52
57
kHz
Voltage Stability
12
≤ V
CC≤ 25 V
0.2%
1%
0.2%
1%
Temp. Stability
TMIN≤ TA≤ TMAX(2)
5%
5%
Amplitude
VPIN 4 peak-to-peak (2)
1.7
1.7
V
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
These parameters, although specified, are not 100% tested in production.
(3)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in temperature.
(4)
Output frequency equals oscillator frequency for the UC1842 and UC1843.
Output frequency is one half oscillator frequency for the UC1844 and UC1845.
3
Submit Documentation Feedback


유사한 부품 번호 - UC1845W883B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1845W883B TI-UC1845W883B Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI1-UC1845W883B Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI-UC1845W883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI-UC1845W883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI-UC1845W883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

유사한 설명 - UC1845W883B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com