전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3842D8TRG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC3842D8TRG4
상세설명  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842D8TRG4 데이터시트(HTML) 2 Page - Texas Instruments

  UC3842D8TRG4 Datasheet HTML 1Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 2Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 3Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 4Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 5Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 6Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 7Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 8Page - Texas Instruments UC3842D8TRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
CONNECTION DIAGRAMS
1
2
3
4
8
7
6
5
COMP
VFB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GROUND
DIL-8, SOIC-8
N or J PACKAGE, D8 PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COMP
NC
VFB
NC
ISENSE
NC
RT/CT
SOIC-14, CFP-14
D or W PACKAGE
(TOP VIEW)
VREF
NC
VCC
VC
OUTPUT
GROUND
PWR GND
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
VCC
VC
NC
OUTPUT
NC
NC
VFB
NC
ISENSE
NC
PLCC-20
Q PACKAGE
(TOP VIEW)
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
UNIT
Low impedance source
30 V
Supply voltage
ICC < 30 mA
Self Limiting
Output current
±1 A
Output energy (capacitive load)
5
µJ
Analog inputs (Pins 2, 3)
–0.3 V to 6.3 V
Error amp output sink current
10 mA
TA≤ 25°C (DIL-8)
1 W
Power dissipation
TA≤ 25°C (SOIC-14)
725 mW
TA≤ 25°C (SOIC-8)
650 mW
Storage temperature range
–65
°C to 150°C
Junction temperature range
–55
°C to 150°C
Lead temperature (soldering, 10 seconds)
300
°C
(1)
All voltages are with respect to Pin 5. All currents are positive into the specified terminal. Consult Packaging Section of Databook for
thermal limitations and considerations of packages.
2
Submit Documentation Feedback


유사한 부품 번호 - UC3842D8TRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3842D8TRG4 TI-UC3842D8TRG4 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3842D8TRG4 TI-UC3842D8TRG4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

유사한 설명 - UC3842D8TRG4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com