전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G06 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74LVC1G06
상세설명  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
10 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
Fig 12. Package outline SOT886 (XSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT886
MO-252
sot886_po
04-07-22
12-01-05
Unit
mm
max
nom
min
0.5
0.04
1.50
1.45
1.40
1.05
1.00
0.95
0.35
0.30
0.27
0.40
0.35
0.32
0.6
A(1)
Dimensions (mm are the original dimensions)
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
A1
b
0.25
0.20
0.17
DE
e
e1
0.5
LL1
terminal 1
index area
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
1
6
2
5
3
4
6x
(2)
4x
(2)
A


유사한 부품 번호 - 74LVC1G06

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06 DIODES-74LVC1G06 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G06 NEXPERIA-74LVC1G06 Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
More results

유사한 설명 - 74LVC1G06

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com