전자부품 데이터시트 검색엔진 |
|
CAT24WC32PA-1.8TE13B 데이터시트(PDF) 4 Page - Catalyst Semiconductor |
|
CAT24WC32PA-1.8TE13B 데이터시트(HTML) 4 Page - Catalyst Semiconductor |
4 / 10 page CAT24WC32/64 4 Doc. No. 1039, Rev. F FUNCTIONAL DESCRIPTION The CAT24WC32/64 supports the I2C Bus data trans- mission protocol. This Inter-Integrated Circuit Bus proto- col defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24WC32/64 operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or re- ceiver, but the Master device controls which mode is activated. PIN DESCRIPTIONS SCL: Serial Clock The serial clock input clocks all data transferred into or out of the device. SDA: Serial Data/Address The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. A0, A1, A2: Device Address Inputs These pins are hardwired or left unconnected (for hard- ware compatibility with CAT24WC16). When hardwired, up to eight CAT24WC32/64s may be addressed on a single bus system (refer to Device Addressing ). When the pins are left unconnected, the default values are zeros. WP: Write Protect This input, when tied to GND, allows write operations to the entire memory. For CAT24WC32/64 when this pin is tied to Vcc, the entire memory is write protected. When left floating, memory is unprotected. 5020 FHD F05 Figure 3. Start/Stop Timing Figure 2. Write Cycle Timing Figure 1. Bus Timing START BIT SDA STOP BIT SCL 5020 FHD F04 tWR STOP CONDITION START CONDITION ADDRESS ACK 8TH BIT BYTE n SCL SDA 5020 FHD F03 tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH |
유사한 부품 번호 - CAT24WC32PA-1.8TE13B |
|
유사한 설명 - CAT24WC32PA-1.8TE13B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |