전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34932EK 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 MC34932EK
상세설명  Dual 5.0 A H-Bridge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34932EK 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  MC34932EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34932EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34932
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34932 Simplified Internal Block Diagram
VDD
LOGIC SUPPLY
CHARGE
PUMP
GATE DRIVE
AND
PROTECTION
LOGIC
CURRENT MIRROR
AND
CONSTANT OFF-TIME
PWM CURRENT REGULATOR
VCP
CCPA
OUT1
OUT2
PGNDA
TO GATES
HS1
LS1
HS2
LS2
VPWRA
VSENSE
ILIM PWM
HS1
HS2
LS1
LS2
LS2
IN1
IN2
EN/D2
D1
SFA
FBA
AGNDA
PGND
VDD
LOGIC SUPPLY
CHARGE
PUMP
GATE DRIVE
AND
PROTECTION
LOGIC
CURRENT MIRROR
AND
CONSTANT OFF-TIME
PWM CURRENT REGULATOR
VCP
CCPB
PGNDB
TO GATES
HS1
LS1
HS2
LS2
VPWRB
VSENSE
ILIM PWM
HS1
HS2
LS1
LS2
LS2
IN3
IN4
EN/D4
D3
SFB
FBB
AGNDB
PGND
OUT3
OUT4
H-Bridge A
H-Bridge B


유사한 부품 번호 - MC34932EK

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC34932EK NXP-MC34932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

유사한 설명 - MC34932EK

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com