전자부품 데이터시트 검색엔진 |
|
2SA1371 데이터시트(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
2SA1371 데이터시트(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
1 / 1 page WEJ ELECTRONIC CO.,LTD 2SA1371 TRANSISTOR (PNP) FEATURES Power dissipation PCM : 1 W (Tamb=25 ℃) Collector current ICM : -0.1 A Collector-base voltage V(BR)CBO : -300 V Operating and storage junction temperature range TJ, Tstg: -55 ℃ to +150℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO Ic= -10µA, IE=0 -300 V Collector-emitter breakdown voltage V(BR)CEO Ic= -1mA, IB=0 -300 V Emitter-base breakdown voltage V(BR)EBO IE=-10µA, IC=0 -5 V Collector cut-off current ICBO VCB=-200V, IE=0 -0.1 µA Emitter cut-off current IEBO VEB=-4V, IC=0 -0.1 µA DC current gain hFE(1) VCE=-10V, IC=-10mA 40 320 Collector-emitter saturation voltage VCE(sat) IC=-20mA, IB=-2mA -0.6 V Base-emitter saturation voltage VBE(sat) IC=-20mA, IB=-2mA -1 V Transition frequency fT VCE=-30V, IC=-10mA 100 MHz Collector output capacitance Cob VCB=-30V, IE=0, f=1MHz 5 pF CLASSIFICATION OF hFE(1) Rank C D E F Range 40-80 60-120 100-200 160-320 TO-92MOD 1. EMITTER 2. COLLECTOR 3. BASE 123 2SA1371 Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
유사한 부품 번호 - 2SA1371 |
|
유사한 설명 - 2SA1371 |