전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZY2Z200A001A00 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd.

부품명 TZY2Z200A001A00
상세설명  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z200A001A00 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TZY2Z200A001A00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z200A001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Part Numbering
2
Selection Guide of CeramicTrimmer Capacitor
3
TZR1 Series
4
TZS2 Series
8
TZY2 Series
13
TZV2 Series
18
TZC3 Series
23
TZB4 Series
28
TZ03 Series
34
Packaging
41
CONTENTS
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26


유사한 부품 번호 - TZY2Z200A001A00

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZY2Z2R5A001 MURATA-TZY2Z2R5A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2Z2R5A001 MURATA-TZY2Z2R5A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2Z2R5A001B00 MURATA-TZY2Z2R5A001B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z2R5A001B00 MURATA1-TZY2Z2R5A001B00 Datasheet
269Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2Z2R5A001B00 MURATA1-TZY2Z2R5A001B00_V01 Datasheet
269Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
More results

유사한 설명 - TZY2Z200A001A00

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com