전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC16021E8-SYL 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 MC16021E8-SYL
상세설명  Midas Components Ltd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MC16021E8-SYL 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MC16021E8-SYL Datasheet HTML 2Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 3Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 4Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 5Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 6Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 7Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 8Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 9Page - List of Unclassifed Manufacturers MC16021E8-SYL Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7. Optical characteristics
TN TYPE LCD
Ta = 25℃
VDD-VO =4.2V
I T E M
SYMBOL CONDITION
MIN.
TYP.
MAX.
UNIT
NOTE
VIEWING ANGLE
Φ2-Φ1
K = 1.4
NOTE(1)
20
30
----
deg.
NOTE(2)
CONTRAST
RATIO
K
Φ = 25
O
NOTE(1)
2.0
3.0
----
----
NOTE(2)
tr (rise)
Φ = 25
O
NOTE(1)
----
150
250
ms
NOTE(2)
RESPONSE TIME
tf (fall)
Φ = 25
O
NOTE(1)
----
150
250
ms
NOTE(2)
STN TYPE LCD
Ta = 25℃
VDD-VO =4.5V
I T E M
SYMBOL CONDITION
MIN.
TYP.
MAX.
UNIT
NOTE
VIEWING ANGLE
Φ2-Φ1
K = 2.0
NOTE(1)
30
40
----
deg.
NOTE(2)
CONTRAST
RATIO
K
Φ = 10
O
NOTE(1)
3.0
4.0
----
----
NOTE(2)
tr (rise)
Φ = 10
O
NOTE(1)
----
200
350
ms
NOTE(2)
RESPONSE TIME
tf (fall)
Φ = 10
O
NOTE(1)
----
300
400
ms
NOTE(2)
FSTN TYPE LCD
Ta = 25℃
VDD-VO =4.5V
I T E M
SYMBOL CONDITION
MIN.
TYP.
MAX.
UNIT
NOTE
VIEWING ANGLE
Φ2-Φ1
K = 2.0
NOTE(1)
30
40
----
deg.
NOTE(2)
CONTRAST
RATIO
K
Φ = 10
O
NOTE(1)
4.0
5.0
----
----
NOTE(2)
tr (rise)
Φ = 10
O
NOTE(1)
----
200
350
ms
NOTE(2)
RESPONSE TIME
tf (fall)
Φ = 10
O
NOTE(1)
----
300
400
ms
NOTE(2)
Brightness for LED backlight
SYMBOL
CONDITION
MIN.
TYP. MAX. UNIT
LED TYPE
NOTE
4.0
----
----
YELLOW-GREEN、RED、
AMBER、ORANGE
B
Φ = 0
O
θ = 0
O
6.0
----
----
cd/m
2
BLUE、GREEN、WHITE
NOTE(2)
NOTE(3)
NOTE (1): θ= 0°
WHEN VIEWING ANGLE AT 6 O’CLOCK
θ= 180° WHEN VIEWING ANGLE AT 12 O’CLOCK
(2): SEE CUSTOMER ACCEPTANCE STANDARD SPECIFICATION FOR
DEFINITION OF OPTICAL CHARACTERISTICS.
(3): UNDER NORMAL TEMPERATURE AND HUMIDITY IN A DARK ROOM.
MC16021E8-SERIES-3
PAGE: 7/10


유사한 부품 번호 - MC16021E8-SYL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MC1602-18 ETC1-MC1602-18 Datasheet
25Kb / 1P
   Standard LCD Module
More results

유사한 설명 - MC16021E8-SYL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-N ETC-A-N Datasheet
33Kb / 2P
   RHOPOINT COMPONENTS LTD
MDF16 ETC2-MDF16 Datasheet
17Kb / 1P
   ROXBURGH ELECTRONICS LTD
logo
Bridgetek Pte Ltd.
CLEO35 BRIDGETEK-CLEO35 Datasheet
1,001Kb / 28P
   Bridgetek Pte Ltd
Version 1.2
CLEO50 BRIDGETEK-CLEO50 Datasheet
1Mb / 30P
   Bridgetek Pte Ltd
Version 1.1
logo
MH Connectors, All Righ...
MHCCOVXX-SN-XX MH-MHCCOVXX-SN-XX Datasheet
88Kb / 1P
   MH CONNECTORS LTD.
2802-0001-04 MH-2802-0001-04 Datasheet
54Kb / 1P
   MH CONNECTORS LTD.
MHCCOVXXSC-BKLG MH-MHCCOVXXSC-BKLG Datasheet
112Kb / 1P
   MH CONNECTORS LTD.
MHED-DSXXOF MH-MHED-DSXXOF Datasheet
68Kb / 1P
   MH CONNECTORS LTD.
logo
Panasonic Semiconductor
EFCH942MTCD1 PANASONIC-EFCH942MTCD1 Datasheet
177Kb / 7P
   CERAMIC BUSINESS UNIT , LCR DEVICE COMPANY MATSUSHITA ELECTRONIC COMPONENTS CO.,LTD. KADOMA, OSAKA, JAPAN
logo
MH Connectors, All Righ...
MHDTZK-RA MH-MHDTZK-RA Datasheet
148Kb / 1P
   MH CONNECTORS LTD.
2002/95/EC AND 2002/96/EC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com