전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74736PT-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LC74736PT-E
상세설명  On-Screen Display Controller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74736PT-E 데이터시트(HTML) 5 Page - ON Semiconductor

  LC74736PT-E Datasheet HTML 1Page - ON Semiconductor LC74736PT-E Datasheet HTML 2Page - ON Semiconductor LC74736PT-E Datasheet HTML 3Page - ON Semiconductor LC74736PT-E Datasheet HTML 4Page - ON Semiconductor LC74736PT-E Datasheet HTML 5Page - ON Semiconductor LC74736PT-E Datasheet HTML 6Page - ON Semiconductor LC74736PT-E Datasheet HTML 7Page - ON Semiconductor LC74736PT-E Datasheet HTML 8Page - ON Semiconductor LC74736PT-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 106 page
background image
LC74736PT
No.A0569-5/106
Pin Functions
Pin No.
Symbol
Type
Functional description
1
VSS1
Ground
Connect a ground to this pin. (Digital system ground)
2
VDD1
Power supply (+3.3V)
Digital system power supply: +3.3V
3
OSCin
4
OSCout
LC oscillator
Connect to the character output dot clock generator oscillator coil and
capacitor.
5
EXTclk
External clock signal input
Receives an external clock signal.
Capacitor coupling, 50% duty cycle, 0.5Vp-p or higher
6
CTRL1
OSCin oscillator input control
Switches between external clock input mode and LC oscillator mode.
Low: LC oscillator, high: external clock input MORE+
OR control with MORE+ command
7
SCLK
Clock input
Clock input for the serial data input system
MORE+ (This input has hysteresis characteristics.)
8
SIN
Data input
Serial data input
MORE+ (This input has hysteresis characteristics.)
9
CS
Enable input
Enable input for the serial data input system. Serial data input is enabled
when this pin is set low.
MORE+ (This input has hysteresis characteristics.)
10
VSYNC
Vertical sync signal input
Vertical sync signal input
MORE+ (This input has hysteresis characteristics.)
11
HSYNC
Horizontal sync signal input
Horizontal sync signal input
MORE+ (This input has hysteresis characteristics.)
12
TEST1
Test mode control 1
Test mode control 1
Low: normal operation, high: test mode MORE+
13
TEST2
Test mode control 2
Test mode control 2
Low: normal operation, high: test mode (scan mode) MORE+
14
RST
Reset input
System reset input
MORE+ (This input has hysteresis characteristics.)
15
CLKOUT
Clock output
Clock output
16
VSS1
Ground
Connect a ground to this pin. (Digital system ground)
17
NC
18
NC
19
NC
20
NC
21
NC
22
VSS4
Ground
Connect a ground tro this pin. (PLL system power supply)
23
PD0
PLL charge pump output
PLL VCO control voltage input
Charge pump output
Connect a LPF (lug lead filter) to this pin.
Voltage input for internal VCO control
24
VCOR
VCO variable range adjustment
Used to adjust variable voltage range of internal VCO.
Connect a resistor to this pin.
25
VDD4
Power supply (+3.3V)
PLL system power supply: +3.3V
26
BFin
Amplifier input
Oscillation input for external VCO
27
BFout
Amplifier output
Oscillation output for external VCO
28
RD3
Rout output: bit 3
29
RD2
Rout output: bit 2
30
RD1
Rout output: bit 1
31
RD0
Rout output: bit 0
Rout output
This is a 4-bit digital output with values from 0000 to 1111.
32
GD3
Gout output: bit 3
33
GD2
Gout output: bit 2
34
GD1
Gout output: bit 1
35
GD0
Gout output: bit 0
Gout output
This is a 4-bit digital output with values from 0000 to 1111.
36
VDD1
Power supply (+3.3V)
Digital system power supply: +3.3V
Continued on next page.


유사한 부품 번호 - LC74736PT-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74736PT SANYO-LC74736PT Datasheet
416Kb / 106P
   On-Screen Display Controller
LC74736PT SANYO-LC74736PT_11 Datasheet
416Kb / 106P
   On-Screen Display Controller
More results

유사한 설명 - LC74736PT-E

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com