전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9249BBCZRL7-65 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD9249BBCZRL7-65
상세설명  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9249BBCZRL7-65 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD9249BBCZRL7-65 Datasheet HTML 7Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 8Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 9Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 10Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 11Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 12Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 13Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 14Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 11 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 6. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
C10, D1 to D3, D10,
E3, E5 to E8, F1 to F3,
F5 to F8, G3, G5 to G8,
H3, H5 to H8, H10, J3,
J10, K5 to K8
GND
Ground.
D4 to D9, E4, E9, F4,
F9, G4, G9, H4, H9,
J4 to J9
AVDD
1.8 V Analog Supply.
K3, K4, K9, K10
DRVDD
1.8 V Digital Output Driver Supply.
E1, E2
CLK−, CLK+
Input Clock Complement, Input Clock True.
G12, G11
D−A1, D+A1
Bank 1 Digital Output Complement, Bank 1 Digital Output True.
H12, H11
D−A2, D+A2
Bank 2 Digital Output Complement, Bank 2 Digital Output True.
J12, J11
D−B1, D+B1
Bank 1 Digital Output Complement, Bank 1 Digital Output True.
K12, K11
D−B2, D+B2
Bank 2 Digital Output Complement, Bank 2 Digital Output True
L12, L11
D−C1, D+C1
Bank 1 Digital Output Complement, Bank 1 Digital Output True.
VIN–G2
VIN+G2
VIN–G1
VIN–F2
VIN–F1
VIN–E2
VIN–E1
VIN–D2
VIN–D1
VIN–C2
VIN+C1
VIN–C1
VIN–H1
VIN+H1
VIN+G1
VIN+F2
VIN+F1
VIN+E2
VIN+E1
VIN+D2
VIN+D1
VIN+C2
VIN+B2
VIN–B2
VIN–H2
VIN+H2
SYNC
VCM1
VCM2
VREF
SENSE
RBIAS1
RBIAS2
GND
VIN+B1
VIN–B1
GND
GND
GND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
GND
VIN+A2
VIN–A2
CLK–
CLK+
GND
AVDD
GND
GND
GND
GND
AVDD
CSB1
VIN+A1
VIN–A1
GND
GND
GND
AVDD
GND
GND
GND
GND
AVDD
CSB2
SDIO/DFS SCLK/DTP
D–H2
D+H2
GND
AVDD
GND
GND
GND
GND
AVDD
PDWN
D+A1
D–A1
D–H1
D+H1
GND
AVDD
GND
GND
GND
GND
AVDD
GND
D+A2
D–A2
D–G2
D+G2
GND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
GND
D+B1
D–B1
D–G1
D+G1
DRVDD
DRVDD
GND
GND
GND
GND
DRVDD
DRVDD
D+B2
D–B2
D–F2
D+F2
D+E2
D+E1
FCO+1
DCO+1
DCO+2
FCO+2
D+D2
D+D1
D+C1
D–C1
D–F1
D+F1
D–E2
D–E1
FCO–1
DCO–1
DCO–2
FCO–2
D–D2
D–D1
D+C2
D–C2
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
10
11
12
AD9249
TOP VIEW
(Not to Scale)


유사한 부품 번호 - AD9249BBCZRL7-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9249BBCZRL7-65 AD-AD9249BBCZRL7-65 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
More results

유사한 설명 - AD9249BBCZRL7-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com