전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC3479FN 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 MC3479FN
상세설명  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479FN 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button MC3479FN Datasheet HTML 2Page - ON Semiconductor MC3479FN Datasheet HTML 3Page - ON Semiconductor MC3479FN Datasheet HTML 4Page - ON Semiconductor MC3479FN Datasheet HTML 5Page - ON Semiconductor MC3479FN Datasheet HTML 6Page - ON Semiconductor MC3479FN Datasheet HTML 7Page - ON Semiconductor MC3479FN Datasheet HTML 8Page - ON Semiconductor MC3479FN Datasheet HTML 9Page - ON Semiconductor MC3479FN Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC3479
http://onsemi.com
9
Figure 12. Typical Applications Circuit
− Suggested value for RB1 (VM = 12 V) is 150 kW.
− RB calculation (see text) must take into account
the current through RB1.
Figure 13. Power Reduction
RB
Normal
Operation
Set
OIC
Full/Half Step
CW/CCW
Clock
Phase A
Typ
2.0 k
W
+V
GND
MC3479
1N5221A (3.0 V)
+V
VM
1
16
11
7
10
9
86
14
15
2
3
Bias/Set
L4
L3
L2
L1
VD
Motor
MC14049UB
or equivalent
Digital Inputs
13
12
45
Reduced
Power
Normal
Operation
Bias/Set
RB1
RB
6
MC3479
MC14049UB
or equivalent


유사한 부품 번호 - MC3479FN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC3479 ONSEMI-MC3479 Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
logo
ON Semiconductor
MC3479P ONSEMI-MC3479P Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
MC3479PG ONSEMI-MC3479PG Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

유사한 설명 - MC3479FN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com