전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14060BCPG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC14060BCPG
상세설명  14-Bit Binary Counter and Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14060BCPG 데이터시트(HTML) 5 Page - ON Semiconductor

  MC14060BCPG Datasheet HTML 1Page - ON Semiconductor MC14060BCPG Datasheet HTML 2Page - ON Semiconductor MC14060BCPG Datasheet HTML 3Page - ON Semiconductor MC14060BCPG Datasheet HTML 4Page - ON Semiconductor MC14060BCPG Datasheet HTML 5Page - ON Semiconductor MC14060BCPG Datasheet HTML 6Page - ON Semiconductor MC14060BCPG Datasheet HTML 7Page - ON Semiconductor MC14060BCPG Datasheet HTML 8Page - ON Semiconductor MC14060BCPG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14060B
http://onsemi.com
5
Figure 3. Oscillator Circuit Using RC Configuration
11
RESET
RS
Ctc
Rtc
10OUT 1
9OUT 2
f [
1
2.3 RtcCtc
if 1 kHz ≤ f ≤ 100 kHz
and 2Rtc < RS < 10Rtc
(f in Hz, R in ohms, C in farads)
The formula may vary for other frequencies. Recommended
maximum value for the resistors in 1 MW.
TYPICAL RC OSCILLATOR CHARACTERISTICS
Figure 4. RC Oscillator Stability
Figure 5. RC Oscillator Frequency as a
Function of RTC and C
- 8.0
-12
-16
- 4.0
0
4.0
8.0
125
100
75
50
25
0
-25
-55
TA, AMBIENT TEMPERATURE (°C)
VDD = 15 V
1.0 V
5.0 V
RTC = 56 kW
C = 1000 pF
RS =0, f=10.15kHz @ VDD =10, TA =25°C
RS =120 kW, f=7.8kHz @ VDD =10V, TA =25°C
100
50
20
10
5
2
1
0.5
0.2
0.1
1.0 k
10 k
100 k
1.0 M
RTC, RESISTANCE (OHMS)
0.0001
0.001
0.01
0.1
C, CAPACITANCE (
mF)
VDD = 10 V
f AS A FUNCTION
OF RTC
(C = 1000 pF)
(RS ≈ 2RTC)
f AS A FUNCTION
OF C
(RTC = 56 kW)
(RS = 120 k)
Figure 6. Typical Crystal Oscillator Circuit
CLOCK
11
RESET
9OUT 2
10OUT 1
18M
RO
CS
CT
Table 2. Typical Data for Crystal Oscillator Circuit
Characteristic
500 kHz
Circuit
32 kHz
Circuit Unit
Crystal Characteristics
Resonant Frequency
Equivalent Resistance, RS
500
1.0
32
6.2
kHz
kW
External Resistor/Capacitor Values
RO
CT
CS
47
82
20
750
82
20
kW
pF
pF
Frequency Stability
Frequency Changes as a
Function of VDD (TA = 25°C)
VDD Change from 5.0 V to 10V
VDD Change from 10 V to 15 V
Frequency Change as a Function of
Temperature (VDD = 10 V)
TA Change from − 55°C to
+25°C Complete Oscillator (Note 6)
TA Change from + 25°C to
+ 125°C Complete Oscillator
(Note 6)
+6.0
+2.0
+100
–160
+2.0
+2.0
+120
–560
ppm
ppm
ppm
ppm
6. Complete oscillator includes crystal, capacitors, and resistors.


유사한 부품 번호 - MC14060BCPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14060BCPG ONSEMI-MC14060BCPG Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
More results

유사한 설명 - MC14060BCPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com