전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTP3N120E 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 MTP3N120E
상세설명  TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP3N120E 데이터시트(HTML) 6 Page - Motorola, Inc

  MTP3N120E Datasheet HTML 1Page - Motorola, Inc MTP3N120E Datasheet HTML 2Page - Motorola, Inc MTP3N120E Datasheet HTML 3Page - Motorola, Inc MTP3N120E Datasheet HTML 4Page - Motorola, Inc MTP3N120E Datasheet HTML 5Page - Motorola, Inc MTP3N120E Datasheet HTML 6Page - Motorola, Inc MTP3N120E Datasheet HTML 7Page - Motorola, Inc MTP3N120E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP3N120E
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
1.0
0.1
0.01
1.0E–05
1.0E–04
1.0E–03
1.0E–02
t, TIME (s)
120
100
40
0
25
50
75
100
125
150
100
10
1.0
0.1
0.1
1.0
10
100
1,000
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 13. Thermal Response
ID = 3 A
80
60
20
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
1.0E–01
1.0E+00
1.0E+01
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
0.02
10,000
0.01
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE PULSE
TC = 25°C
100
µs
1 ms
10
µs
dc
10 ms


유사한 부품 번호 - MTP3N120E

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
MTP3N120E ISC-MTP3N120E Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - MTP3N120E

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
   TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
   TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTP3N25E MOTOROLA-MTP3N25E Datasheet
208Kb / 8P
   TMOS POWER FET 3.0 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
   SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
MTP3N50E MOTOROLA-MTP3N50E Datasheet
251Kb / 8P
   TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com