전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ31710 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ31710
상세설명  10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31710 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LMZ31710 Datasheet HTML 5Page - Texas Instruments LMZ31710 Datasheet HTML 6Page - Texas Instruments LMZ31710 Datasheet HTML 7Page - Texas Instruments LMZ31710 Datasheet HTML 8Page - Texas Instruments LMZ31710 Datasheet HTML 9Page - Texas Instruments LMZ31710 Datasheet HTML 10Page - Texas Instruments LMZ31710 Datasheet HTML 11Page - Texas Instruments LMZ31710 Datasheet HTML 12Page - Texas Instruments LMZ31710 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
20
30
40
50
60
70
80
90
0
2
4
6
8
10
Output Current (A)
All Output Voltages
C001
Airflow = 0 LFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
Output Current (A)
Vo = 3.3V, fsw = 750kHz
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C004
±120
±90
±60
±30
0
30
60
90
120
±40
±30
±20
±10
0
10
20
30
40
1000
10k
100k
Frequency (Hz)
Gain
Phase
C006
400k
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Output Current (A)
Vo = 3.3V, fsw = 750kHz
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C001
5
10
15
20
25
30
0
2
4
6
8
10
Output Current (A)
Vo = 3.3V, fsw = 750kHz
Vo = 2.5V, fsw = 750kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 300kHz
Vo = 0.9V, fsw = 250kHz
Vo = 0.6V, fsw = 200kHz
C004
LMZ31710
www.ti.com
SNVS987A – JULY 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (PVIN = VIN = 5 V) (1) (2)
Figure 8. Efficiency vs. Output Current
Figure 9. Voltage Ripple vs. Output Current
Figure 10. Power Dissipation vs. Output Current
Figure 11. VOUT= 1.8 V, IOUT= 10 A, COUT1= 200 µF ceramic,
fSW= 500 kHz
Figure 12. Safe Operating Area
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 8, Figure 9, and Figure 10.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 2 oz. copper.
Applies to Figure 12.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ31710


유사한 부품 번호 - LMZ31710

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31710 TI-LMZ31710 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31710EVM-001 TI-LMZ31710EVM-001 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results

유사한 설명 - LMZ31710

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com