전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ34002RKGT 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ34002RKGT
상세설명  2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34002RKGT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LMZ34002RKGT Datasheet HTML 4Page - Texas Instruments LMZ34002RKGT Datasheet HTML 5Page - Texas Instruments LMZ34002RKGT Datasheet HTML 6Page - Texas Instruments LMZ34002RKGT Datasheet HTML 7Page - Texas Instruments LMZ34002RKGT Datasheet HTML 8Page - Texas Instruments LMZ34002RKGT Datasheet HTML 9Page - Texas Instruments LMZ34002RKGT Datasheet HTML 10Page - Texas Instruments LMZ34002RKGT Datasheet HTML 11Page - Texas Instruments LMZ34002RKGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Output Current (A)
Natural Convection
VO = –12 V
G000
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output Current (A)
200 LFM
Natural Convection
VO = –15 V
G000
0
1
2
3
4
0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
VO = –15 V,fsw = 800 kHz
VO = –12 V,fsw = 800 kHz
VO = –5.0 V,fsw = 800 kHz
VO = –3.3 V,fsw = 800 kHz
G000
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current (A)
400 LFM
200 LFM
Natural Convection
VO = –5 V
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
VO = –15 V,fsw = 800 kHz
VO = –12 V,fsw = 800 kHz
VO = –5.0 V,fsw = 800 kHz
VO = –3.3 V,fsw = 800 kHz
G000
0
5
10
15
20
25
30
35
40
45
50
0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
VO = –15 V,fsw = 800 kHz
VO = –12 V,fsw = 800 kHz
VO = –5.0 V,fsw = 800 kHz
VO = –3.3 V,fsw = 800 kHz
G000
LMZ34002
SNVS989A – JULY 2013 – REVISED SEPT 2013
www.ti.com
TYPICAL CHARACTERISTICS (VIN = 12 V) (1) (2)
Figure 7. Efficiency vs. Output Current
Figure 8. Voltage Ripple vs. Output Current
Figure 9. Power Dissipation vs. Output Current
Figure 10. Safe Operating Area
Figure 11. Safe Operating Area
Figure 12. Safe Operating Area
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 7, Figure 8, and Figure 9.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm, 4-layer, double-sided PCB with 1 oz.
copper. Applies to Figure 10, Figure 11, and Figure 12.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ34002


유사한 부품 번호 - LMZ34002RKGT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ34002RKGT TI1-LMZ34002RKGT Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
More results

유사한 설명 - LMZ34002RKGT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ34002 TI-LMZ34002_15 Datasheet
1Mb / 33P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com