전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTP3N25E 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MTP3N25E
상세설명  TMOS POWER FET 3.0 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP3N25E 데이터시트(HTML) 2 Page - Motorola, Inc

  MTP3N25E Datasheet HTML 1Page - Motorola, Inc MTP3N25E Datasheet HTML 2Page - Motorola, Inc MTP3N25E Datasheet HTML 3Page - Motorola, Inc MTP3N25E Datasheet HTML 4Page - Motorola, Inc MTP3N25E Datasheet HTML 5Page - Motorola, Inc MTP3N25E Datasheet HTML 6Page - Motorola, Inc MTP3N25E Datasheet HTML 7Page - Motorola, Inc MTP3N25E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP3N25E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
367
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 250 Vdc, VGS = 0 Vdc)
(VDS = 250 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
6.0
4.0
Vdc
mV/
°C
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 1.5 Adc)
RDS(on)
1.1
1.4
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 3.0 Adc)
(ID = 1.5 Adc, TJ = 125°C)
VDS(on)
3.5
5.04
4.41
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 1.5 Adc)
gFS
1.0
1.8
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
307
430
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
57
75
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
14
25
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 125 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc,
RG = 4.7 Ω)
td(on)
7.0
15
ns
Rise Time
(VDD = 125 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc,
RG = 4.7 Ω)
tr
5.0
15
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 4.7 Ω)
td(off)
15
30
Fall Time
G = 4.7 Ω)
tf
6.0
15
Gate Charge
(See Figure 8)
(VDS = 200 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
QT
9.8
15
nC
(See Figure 8)
(VDS = 200 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
Q1
2.1
(VDS = 200 Vdc, ID = 3.0 Adc,
VGS = 10 Vdc)
Q2
4.2
Q3
3.8
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 3.0 Adc, VGS = 0 Vdc)
(IS = 3.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.9
0.728
1.6
Vdc
Reverse Recovery Time
(See Figure 14)
(IS = 3.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
153
ns
(See Figure 14)
(IS = 3.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
64
(IS = 3.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
89
Reverse Recovery Stored Charge
QRR
0.51
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


유사한 부품 번호 - MTP3N25E

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
MTP3N25E ISC-MTP3N25E Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - MTP3N25E

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MTD3N25E MOTOROLA-MTD3N25E Datasheet
253Kb / 10P
   TMOS POWER FET 3 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
   TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
MTP9N25E MOTOROLA-MTP9N25E Datasheet
206Kb / 8P
   TMOS POWER FET 9.0 AMPERES 250 VOLTS RDS(on) = 0.45 OHM
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
   TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTP16N25E MOTOROLA-MTP16N25E Datasheet
222Kb / 8P
   TMOS POWER FET 16 AMPERES 250 VOLTS RDS(on) = 0.25 OHM
MTW23N25E MOTOROLA-MTW23N25E Datasheet
152Kb / 8P
   TMOS POWER FET 23 AMPERES 250 VOLTS RDS(on) = 0.11 OHM
MTP3N120E MOTOROLA-MTP3N120E Datasheet
252Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
   SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com