전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB07-03C-TB-E 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 SB07-03C-TB-E
상세설명  Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB07-03C-TB-E 데이터시트(HTML) 6 Page - ON Semiconductor

  SB07-03C-TB-E Datasheet HTML 1Page - ON Semiconductor SB07-03C-TB-E Datasheet HTML 2Page - ON Semiconductor SB07-03C-TB-E Datasheet HTML 3Page - ON Semiconductor SB07-03C-TB-E Datasheet HTML 4Page - ON Semiconductor SB07-03C-TB-E Datasheet HTML 5Page - ON Semiconductor SB07-03C-TB-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SB07-03C
PS No.2997-6/6
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


유사한 부품 번호 - SB07-03C-TB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
More results

유사한 설명 - SB07-03C-TB-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SB01-15C-TB-E ONSEMI-SB01-15C-TB-E Datasheet
312Kb / 6P
   Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
September, 2013
SB1003M3-TL-E ONSEMI-SB1003M3-TL-E Datasheet
316Kb / 6P
   Schottky Barrier Diode 30V, 1A, Low IR, Single MCPH3
September, 2013
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com