전자부품 데이터시트 검색엔진 |
|
TMP320F28376DPTPQ 데이터시트(PDF) 7 Page - Texas Instruments |
|
TMP320F28376DPTPQ 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 110 page TMS320F28377D, TMS320F28376D www.ti.com SPRS880 – DECEMBER 2013 Table 2-1. TMS320F2837xD Hardware Features (continued) FEATURE(1) 28377D 28376D Package Type 337-Ball 176-Pin 337-Ball 176-Pin (ZWT is an nFBGA package. PTP is an HLQFP package.) ZWT PTP ZWT PTP 16/32-bit 1 External Memory Bus (EMIF) 16-bit 1 – 1 – On-chip crystal oscillator/External clock input 1 0-pin internal oscillator 2 I/O pins (shared) GPIO 169 97 169 97 External interrupts 5 Power-on reset (POR) Yes I/O supply voltage (nominal) 3.3 V Core supply voltage (nominal) 1.2 V T: –40°C to 105°C Yes Temperature options S: –40°C to 125°C Yes Q: –40°C to 125°C(2) Yes – Product status(3) TMX (1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the basic functionality of the module. (2) "Q" refers to Q100 qualification for automotive applications. (3) The "TMX" product status denotes an experimental device that is not necessarily representative of the final device's electrical specifications. Copyright © 2013, Texas Instruments Incorporated Device Overview 7 Submit Documentation Feedback Product Folder Links: TMS320F28377D TMS320F28376D |
유사한 부품 번호 - TMP320F28376DPTPQ |
|
유사한 설명 - TMP320F28376DPTPQ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |