전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP53T1G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BCP53T1G
상세설명  PNP Silicon Epitaxial Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53T1G 데이터시트(HTML) 4 Page - ON Semiconductor

  BCP53T1G Datasheet HTML 1Page - ON Semiconductor BCP53T1G Datasheet HTML 2Page - ON Semiconductor BCP53T1G Datasheet HTML 3Page - ON Semiconductor BCP53T1G Datasheet HTML 4Page - ON Semiconductor BCP53T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP53 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. BCP53, −10 Base Emitter Turn−On
Voltage vs. Collector Current VBE(on)
Figure 8. BCP53−16 Base Emitter Turn−On
Voltage vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.9
1.1
1.2
10
1
0.1
0.01
0.001
0.2
0.5
0.6
0.7
0.8
0.9
1.0
1.2
Figure 9. BCP53, −10, −16 Saturation Region
Figure 10. Input Capacitance
Ib, BASE CURRENT (A)
VOLTAGE (V)
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
5
4
3
2
1
0
40
50
60
70
80
90
100
110
Figure 11. Output Capacitance
Figure 12. Standard Operating Area
VOLTAGE (V)
Vce, COLLECTOR EMITTER VOLTAGE (V)
20
14
10
8
6
4
2
0
0
5
10
15
20
25
100
10
1
0.1
0.01
0.1
1
10
0.8
1.0
1.1
Vce = 2 V
BCP53, −10
+150
°C
+25
°C
−55
°C
Vce = 2 V
BCP53 −16
+150
°C
+25
°C
−55
°C
0.7
0.8
0.9
BCP53, −10, −16
IC = 100 mA
IC = 500 mA
IC = 1.5 A
IC = 1.0 A
BCP53−10
BCP53
BCP53−16
12
16
18
BCP53−10
BCP53
BCP53−16
SINGLE PULSE TEST AT Tamb = 25°C
CONTINUOUS THERMAL LIMIT
100 ms 10 ms
1 ms
1 s
0.4
0.3


유사한 부품 번호 - BCP53T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
   PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

유사한 설명 - BCP53T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
logo
ON Semiconductor
BCP53 ONSEMI-BCP53_16 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P_13 Datasheet
672Kb / 4P
   PNP Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com