전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMMBT3904WT1 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 SMMBT3904WT1
상세설명  General Purpose Transistors NPN and PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT3904WT1 데이터시트(HTML) 2 Page - ON Semiconductor

  SMMBT3904WT1 Datasheet HTML 1Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 2Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 3Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 4Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 5Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 6Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 7Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 8Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMBT3904WT1, NPN, SMMBT3904WT1, NPN, MMBT3906WT1, PNP
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 2)
(IC = 1.0 mAdc, IB = 0)
MMBT3904WT1, SMMBT3904WT1
(IC = −1.0 mAdc, IB = 0)
MMBT3906WT1
V(BR)CEO
40
−40
Vdc
Collector−Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
MMBT3904WT1, SMMBT3904WT1
(IC = −10 mAdc, IE = 0)
MMBT3906WT1
V(BR)CBO
60
−40
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
MMBT3904WT1, SMMBT3904WT1
(IE = −10 mAdc, IC = 0)
MMBT3906WT1
V(BR)EBO
6.0
−5.0
Vdc
Base Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
MMBT3904WT1, SMMBT3904WT1
(VCE = −30 Vdc, VEB = −3.0 Vdc)
MMBT3906WT1
IBL
50
−50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
MMBT3904WT1, SMMBT3904WT1
(VCE = −30 Vdc, VEB = −3.0 Vdc)
MMBT3906WT1
ICEX
50
−50
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
MMBT3904WT1, SMMBT3904WT1
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = −0.1 mAdc, VCE = −1.0 Vdc)
MMBT3906WT1
(IC = −1.0 mAdc, VCE = −1.0 Vdc)
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −50 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
hFE
40
70
100
60
30
60
80
100
60
30
300
300
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MMBT3904WT1, SMMBT3904WT1
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = −10 mAdc, IB = −1.0 mAdc)
MMBT3906WT1
(IC = −50 mAdc, IB = −5.0 mAdc)
VCE(sat)
0.2
0.3
−0.25
−0.4
Vdc
Base −Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MMBT3904WT1, SMMBT3904WT1
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = −10 mAdc, IB = −1.0 mAdc)
MMBT3906WT1
(IC = −50 mAdc, IB = −5.0 mAdc)
VBE(sat)
0.65
−0.65
0.85
0.95
−0.85
−0.95
Vdc
2. Pulse Test: Pulse Width v 300 ms; Duty Cycle v 2.0%.


유사한 부품 번호 - SMMBT3904WT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SMMBT3904WT1G ONSEMI-SMMBT3904WT1G Datasheet
134Kb / 13P
   General Purpose Transistors
November, 2015 ??Rev. 9
More results

유사한 설명 - SMMBT3904WT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBT3904WT1 LRC-MMBT3904WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
Micro Electronics
2N3705 MICRO-ELECTRONICS-2N3705 Datasheet
311Kb / 4P
   PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
   PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1_15 Datasheet
119Kb / 3P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com