전자부품 데이터시트 검색엔진 |
|
SMF10AG 데이터시트(PDF) 2 Page - ON Semiconductor |
|
SMF10AG 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 6 page Uni−Directional TVS IPP IF V I IR IT VRWM VC VBR VF SMF5.0AT1G Series, SZSMF5.0AT1G Series http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Maximum Ppk Dissipation (PW−10/1000 ms) (Note 1) SMF5.0A − SMF58A Ppk 200 W Maximum Ppk Dissipation @ TA = 25°C, (PW−8/20 ms) (Note 2) Ppk 1000 W DC Power Dissipation @ TA = 25°C (Note 3) Derate above 25°C Thermal Resistance, Junction−to−Ambient (Note 3) °PD° RqJA 385 4.0 325 °mW mW/°C °C/W Thermal Resistance, Junction−to−Lead (Note 3) RqJcathode 26 °C/W Operating and Storage Temperature Range TJ, Tstg −55 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 2. 2. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 3. 3. Mounted with recommended minimum pad size, DC board FR−4. ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 4) = 12 A) Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM VBR Breakdown Voltage @ IT IT Test Current IF Forward Current VF Forward Voltage @ IF 4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. |
유사한 부품 번호 - SMF10AG |
|
유사한 설명 - SMF10AG |