전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD526JNZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD526JNZ
상세설명  Software Programmable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD526JNZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD526JNZ Datasheet HTML 3Page - Analog Devices AD526JNZ Datasheet HTML 4Page - Analog Devices AD526JNZ Datasheet HTML 5Page - Analog Devices AD526JNZ Datasheet HTML 6Page - Analog Devices AD526JNZ Datasheet HTML 7Page - Analog Devices AD526JNZ Datasheet HTML 8Page - Analog Devices AD526JNZ Datasheet HTML 9Page - Analog Devices AD526JNZ Datasheet HTML 10Page - Analog Devices AD526JNZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AD526
REV. D
–7–
Figure 28. Gain Change Settling
Time,* Gain Change 1 to 8
Figure 29. Gain Change Settling
Time,* Gain Change 1 to 16
*Scope Traces are:
Top: Output Transition
Middle: Output Settling
Bottom: Digital Input
OP37
AD526
G = 16
TEKTRONIX
7000 SERIES
SCOPE
7A13
PREAMP
5MHz BW
+
+
10 F10 F
+15V –15V
+
10 F
+
+
10 F10 F
+15V –15V
+5V
G = 10
900
100
SHIELD
Vo = 160
e p-p
NOTE: COAX CABLE 1 FT. OR LESS
Figure 30. Wideband Noise Test Circuit
+
+
10 F10 F
+15V –15V
AD526
+
+
10 F10 F
+15V –15V
DATA
DYNAMICS
5109
(OR EQUIVALENT
FLAT-TOP PULSE
GENERATOR)
AD3554
+
+
10 F10 F
5pF
5.6k
1pF
+15V
–15V
50
RIN
5k
G
1
2
4
8
16
5.6k
2.8k
1.4k
715
348
RIN
5k
+
AD711
VERROR
IN6263
2k
POT.
+
AD3554
+
10 F10 F
1pF
+15V
–15V
+
+
1.25k
5k
5k
VERROR
5
IN6263
TEKTRONIX
7000 SERIES
SCOPE
7A13
PREAMP
5MHz BW
G
1
2
4
8
16
1.2 s
1.2 s
1.2 s
1.4 s
1.8 s
TX
TSET = TMEAS
2 – T
X
2
Figure 31. Settling Time Test Circuit


유사한 부품 번호 - AD526JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
More results

유사한 설명 - AD526JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD526 AD-AD526_15 Datasheet
466Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com