전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5342BRUZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD5342BRUZ
상세설명  2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5342BRUZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD5342BRUZ Datasheet HTML 3Page - Analog Devices AD5342BRUZ Datasheet HTML 4Page - Analog Devices AD5342BRUZ Datasheet HTML 5Page - Analog Devices AD5342BRUZ Datasheet HTML 6Page - Analog Devices AD5342BRUZ Datasheet HTML 7Page - Analog Devices AD5342BRUZ Datasheet HTML 8Page - Analog Devices AD5342BRUZ Datasheet HTML 9Page - Analog Devices AD5342BRUZ Datasheet HTML 10Page - Analog Devices AD5342BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–7–
AD5342 FUNCTIONAL BLOCK DIAGRAM
VOUTA
BUFFER
AD5342
VOUTB
BUFFER
POWER-ON
RESET
DAC
REGISTER
DAC
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INTER-
FACE
LOGIC
VDD
DB11
DB0
CS
WR
A0
CLR
LDAC
.
.
.
VREFA
POWER-DOWN
LOGIC
RESET
PD GND
VREFB
12-BIT
DAC
12-BIT
DAC
AD5342 PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0-VREF or 0-2 VREF.
2
BUF
Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered.
3VREFB
Reference Input for DAC B.
4VREFA
Reference Input for DAC A.
5VOUTA
Output of DAC A. Buffered output with rail-to-rail operation.
6VOUTB
Output of DAC B. Buffered output with rail-to-rail operation.
7, 8
NC
No Connect.
9
GND
Ground reference point for all circuitry on the part.
10
CS
Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
11
WR
Active low Write Input. This is used in conjunction with CS to write data to the parallel interface.
12
A0
Address pin for selecting between DAC A and DAC B.
13
CLR
Asynchronous active low control input that clears all input registers and DAC registers to zeros.
14
LDAC
Active low control input that updates the DAC registers with the contents of the input registers. This
allows all DAC outputs to be simultaneously updated.
15
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.
16
VDD
Power Supply Pin. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 F capacitor in parallel with a 0.1 F capacitor to GND.
17–28
DB0–DB11
12 Parallel Data Inputs. DB11 is the MSB of these 12 bits.
AD5342 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD5342
LDAC
A0
WR
CS
GND
BUF
VREFB
VREFA
VOUTB
VOUTA
GAIN
PD
VDD
DB0
DB1
DB2
DB3
DB4
DB9
DB8
DB5
DB6
DB7
12-BIT
NC
NC
CLR
DB10
DB11
NC = NO CONNECT


유사한 부품 번호 - AD5342BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5342BRU AD-AD5342BRU Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342BRU AD-AD5342BRU Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com