전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M052ZBN 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 M052ZBN
상세설명  32-BIT MICROCONTROLLER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

M052ZBN 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button M052ZBN Datasheet HTML 7Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 8Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 9Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 10Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 11Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 12Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 13Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 14Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
NuMicro
M052/M054BN Data Sheet
Publication Release Date: Mar. 19, 2012
- 11 -
Revision V1.01
3
BLOCK DIAGRAM
Cortex-M0
50 MHz
CLK_CTL
GPIO
P0~P4
ADC
Watch Dog Timer
I2C
SPI 0/1
UART 0/1
PWM 0~7
Timer 0/1
10K OSC
P
L
L
22M OSC
EXT. 4~24M
XTAL
LDO
2.5 ~ 5.5V
ADC
8ch/12bit
SARADC
760K SPS
Timer 2/3
EBI
AD[15:0]
nCS
nRD
nWR
mclk
ALE
PAD Control
POR
BOD
LVR
16KB(M054)
8KB(M052)
APROM
LDROM ISP 4KB
CONFIG
DATAFLASH 4KB
SRAM
4KB
Analog
Comparator
nWRH
nWRL
Figure 3-1 NuMicro
 M051 Series Block Diagram


유사한 부품 번호 - M052ZBN

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
M052ZBN NUVOTON-M052ZBN Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
More results

유사한 설명 - M052ZBN

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com