전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8005ART-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8005ART-REEL
상세설명  270 MHz, 400 mA Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8005ART-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8005ART-REEL Datasheet HTML 4Page - Analog Devices AD8005ART-REEL Datasheet HTML 5Page - Analog Devices AD8005ART-REEL Datasheet HTML 6Page - Analog Devices AD8005ART-REEL Datasheet HTML 7Page - Analog Devices AD8005ART-REEL Datasheet HTML 8Page - Analog Devices AD8005ART-REEL Datasheet HTML 9Page - Analog Devices AD8005ART-REEL Datasheet HTML 10Page - Analog Devices AD8005ART-REEL Datasheet HTML 11Page - Analog Devices AD8005ART-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8005–Typical Characteristics
–8–
REV. A
RG
RF
CPROBE
RL
1k
VOUT
VIN
50
+VS
0.01 F
0.01 F
10 F
10 F
–VS
PROBE : TEK P6137
CLOAD = 10pF NOMINAL
Figure 22. Test Circuit; G = +2; RF = RG = 3.01 kΩ for
N Package; RF = RG = 2.49 kΩ for R and RT Packages
10
0%
100
90
10ns
50mV
Figure 23. 200 mV Step Response; G = +2, VS = ±2.5 V
or
±5 V
10
0%
100
90
10ns
1V
Figure 24. Step Response; G = +2, VS = ±5 V
1.5k
CPROBE
RL
1k
VOUT
VIN
51.1
+VS
0.01 F
0.01 F
10 F
10 F
–VS
PROBE : TEK P6137
CLOAD = 10pF NOMINAL
1.5k
Figure 25. Test Circuit; G = –1, RF = RG = 1.5 kΩ for
N, R and RT Packages
10
0%
100
90
10ns
50mV
Figure 26. 200 mV Step Response; G = –1, VS = ±2.5 V
or
±5 V
10
0%
100
90
10ns
1V
Figure 27. Step Response; G = –1, VS = ±5 V


유사한 부품 번호 - AD8005ART-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8005ART-REEL AD-AD8005ART-REEL Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ART-REEL7 AD-AD8005ART-REEL7 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
More results

유사한 설명 - AD8005ART-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com