전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM340S-12 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM340S-12
상세설명  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM340S-12 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM340S-12 Datasheet HTML 7Page - Texas Instruments LM340S-12 Datasheet HTML 8Page - Texas Instruments LM340S-12 Datasheet HTML 9Page - Texas Instruments LM340S-12 Datasheet HTML 10Page - Texas Instruments LM340S-12 Datasheet HTML 11Page - Texas Instruments LM340S-12 Datasheet HTML 12Page - Texas Instruments LM340S-12 Datasheet HTML 13Page - Texas Instruments LM340S-12 Datasheet HTML 14Page - Texas Instruments LM340S-12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
APPLICATION HINTS
The LM340-N/LM78XX series is designed with thermal protection, output short-circuit protection and output
transistor safe area protection. However, as with any IC regulator, it becomes necessary to take precautions to
assure that the regulator is not inadvertently damaged. The following describes possible misapplications and
methods to prevent damage to the regulator.
SHORTING THE REGULATOR INPUT
When using large capacitors at the output of these regulators, a protection diode connected input to output
(Figure 21) may be required if the input is shorted to ground. Without the protection diode, an input short will
cause the input to rapidly approach ground potential, while the output remains near the initial VOUTbecause of the
stored charge in the large output capacitor. The capacitor will then discharge through a large internal input to
output diode and parasitic transistors. If the energy released by the capacitor is large enough, this diode, low
current metal and the regulator will be destroyed. The fast diode in Figure 21 will shunt most of the capacitors
discharge current around the regulator. Generally no protection diode is required for values of output capacitance
≤ 10 μF.
RAISING THE OUTPUT VOLTAGE ABOVE THE INPUT VOLTAGE
Since the output of the device does not sink current, forcing the output high can cause damage to internal low
current paths in a manner similar to that just described in the “Shorting the Regulator Input” section.
REGULATOR FLOATING GROUND (Figure 22)
When the ground pin alone becomes disconnected, the output approaches the unregulated input, causing
possible damage to other circuits connected to VOUT. If ground is reconnected with power “ON”, damage may
also occur to the regulator. This fault is most likely to occur when plugging in regulators or modules with on card
regulators into powered up sockets. Power should be turned off first, thermal limit ceases operating, or ground
should be connected first if power must be left on.
TRANSIENT VOLTAGES
If transients exceed the maximum rated input voltage of the device, or reach more than 0.8V below ground and
have sufficient energy, they will damage the regulator. The solution is to use a large input capacitor, a series
input breakdown diode, a choke, a transient suppressor or a combination of these.
Figure 21. Input Short
Figure 22. Regulator Floating Ground
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM340-N LM78xx


유사한 부품 번호 - LM340S-12

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM340S-12 NSC-LM340S-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340S-12 TI1-LM340S-12 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI1-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

유사한 설명 - LM340S-12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com